Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PICASO-OGM Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # PICASO-OGM
Description  OEM Graphics Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PICASO-OGM Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button PICASO-OGM Datasheet HTML 14Page - List of Unclassifed Manufacturers PICASO-OGM Datasheet HTML 15Page - List of Unclassifed Manufacturers PICASO-OGM Datasheet HTML 16Page - List of Unclassifed Manufacturers PICASO-OGM Datasheet HTML 17Page - List of Unclassifed Manufacturers PICASO-OGM Datasheet HTML 18Page - List of Unclassifed Manufacturers PICASO-OGM Datasheet HTML 19Page - List of Unclassifed Manufacturers PICASO-OGM Datasheet HTML 20Page - List of Unclassifed Manufacturers PICASO-OGM Datasheet HTML 21Page - List of Unclassifed Manufacturers PICASO-OGM Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
4D SYSTEMS
PICASO OGM Module
© 2013 4D SYSTEMS
Page 21 of 22
www.4dsystems.com.au
17. Specifications and Ratings
ABSOLUTE MAXIMUM RATINGS
Operating ambient temperature ................................................................................................... -15°C to +65°C
Storage temperature .......................................................................................................................... -30°C +70°C
Voltage on any digital input pin with respect to GND ....................................................................... -0.3V to 6.0V
Voltage on RAW+3.3V with respect to GND ...................................................................................... -0.3V to 3.6V
Voltage on RAW+VCC with respect to GND ...................................................................................... -0.3V to 5.5V
NOTE: Stresses above those listed here may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at those or any other conditions above those indicated in the
recommended operation listings of this specification is not implied. Exposure to maximum rating conditions
for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Parameter
Conditions
Min
Typ
Max
Units
Supply Voltage
(RAW+3.3V)
Stable Regulated external supply
required
3.3
3.3
3.6
V
Backlight Supply
(RAW+VCC)
Stable Regulated external supply
required (3.3V results in dim backlight)
3.3
5.0
5.5
V
Operating Temperature
-10
--
+60
°C
Input Low Voltage (VIL)
3.3V, all pins
0
--
0.2
V
Input High Voltage (VIH)
3.3V, non 5V tolerant pins
0.8
--
3.3
V
Input High Voltage (VIH)
All GPIO pins, RX0 and TX0 pins
0.8
--
5.5
V
Reset Pulse
External Open Collector
2.0
--
--
µs
Operational Delay
Power-Up or External Reset
500
--
3000
ms
GLOBAL CHARACTERISTICS BASED ON OPERATING CONDITIONS
Parameter
Conditions
Min
Typ
Max
Units
Supply Current (ICC)
3.3V, heavily depends on screen usage
conditions, sleep mode
--
TBD
--
mA
Output Low Voltage
(VOL)
3.3V, IOL = 3.4mA
--
--
0.4
V
Output High Voltage
(VOH)
3.3V, IOL = -2.0mA
2.4
--
--
V
Capacitive Loading
All pins
--
--
50
pF
Flash Memory
Endurance
PICASO PmmC Programming
--
10000
--
E/W
ORDERING INFORMATION
Order Code: PICASO-OGM
Packaging: Bulk Packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com