Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC114TK Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PDTC114TK
Description  NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTC114TK Datasheet(HTML) 3 Page - NXP Semiconductors

  PDTC114TK Datasheet HTML 1Page - NXP Semiconductors PDTC114TK Datasheet HTML 2Page - NXP Semiconductors PDTC114TK Datasheet HTML 3Page - NXP Semiconductors PDTC114TK Datasheet HTML 4Page - NXP Semiconductors PDTC114TK Datasheet HTML 5Page - NXP Semiconductors PDTC114TK Datasheet HTML 6Page - NXP Semiconductors PDTC114TK Datasheet HTML 7Page - NXP Semiconductors PDTC114TK Datasheet HTML 8Page - NXP Semiconductors PDTC114TK Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PDTC114T_SER_8
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 08 — 9 February 2006
3 of 11
Philips Semiconductors
PDTC114T series
NPN resistor-equipped transistors; R1 = 10 k
Ω, R2 = open
3.
Ordering information
[1]
Also available in SOT54A and SOT54 variant packages (see Section 2 and Section 9).
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
Table 4:
Ordering information
Type number
Package
Name
Description
Version
PDTC114TE
SC-75
plastic surface mounted package; 3 leads
SOT416
PDTC114TK
SC-59A
plastic surface mounted package; 3 leads
SOT346
PDTC114TM
SC-101
leadless ultra small plastic package; 3 solder lands;
body 1.0
× 0.6 × 0.5 mm
SOT883
PDTC114TS [1]
SC-43A
plastic single-ended leaded (through hole) package;
3 leads
SOT54
PDTC114TT
-
plastic surface mounted package; 3 leads
SOT23
PDTC114TU
SC-70
plastic surface mounted package; 3 leads
SOT323
Table 5:
Marking codes
Type number
Marking code [1]
PDTC114TE
24
PDTC114TK
24
PDTC114TM
DT
PDTC114TS
TC114T
PDTC114TT
*12
PDTC114TU
*24



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com