Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMD3 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PEMD3
Description  NPN/PNP resistor-equipped transistors; R1 = 10 k?? R2 = 10 k?
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PEMD3 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PEMD3 Datasheet HTML 6Page - NXP Semiconductors PEMD3 Datasheet HTML 7Page - NXP Semiconductors PEMD3 Datasheet HTML 8Page - NXP Semiconductors PEMD3 Datasheet HTML 9Page - NXP Semiconductors PEMD3 Datasheet HTML 10Page - NXP Semiconductors PEMD3 Datasheet HTML 11Page - NXP Semiconductors PEMD3 Datasheet HTML 12Page - NXP Semiconductors PEMD3 Datasheet HTML 13Page - NXP Semiconductors PEMD3 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
PEMD3_PIMD3_PUMD3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 11 — 25 September 2013
10 of 18
NXP Semiconductors
PEMD3; PIMD3; PUMD3
NPN/PNP resistor-equipped transistors
VCE = 0.3 V
(1) Tamb = 40 C
(2) Tamb =25 C
(3) Tamb = 100 C
VCE = 5V
(1) Tamb = 40 C
(2) Tamb =25 C
(3) Tamb = 100 C
Fig 13. TR2 (PNP): On-state input voltage as a
function of collector current; typical values
Fig 14. TR2 (PNP): Off-state input voltage as a
function of collector current; typical values
f = 1 MHz; Tamb =25 CVCE = 5V; Tamb =25 C
Fig 15. TR2 (PNP): Collector capacitance as a function
of collector-base voltage; typical values
Fig 16. TR2 (PNP): Transition frequency as a function
of collector current; typical values of built-in
transistor
006aac775
IC (mA)
-10-1
-102
-10
-1
-1
-10
VI(on)
(V)
-10-1
(1)
(2)
(3)
IC (mA)
-10-1
-10
-1
006aac776
-1
-10
VI(off)
(V)
-10-1
(1)
(2)
(3)
VCB (V)
0
-50
-40
-20
-30
-10
006aac777
2
4
6
Cc
(pF)
0
006aac763
IC (mA)
-10-1
-102
-10
-1
102
103
fT
(MHz)
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com