Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C35 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # C35
Description  SILICON CONTROLLED RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

C35 Datasheet(HTML) 2 Page - Digitron Semiconductors

  C35 Datasheet HTML 1Page - Digitron Semiconductors C35 Datasheet HTML 2Page - Digitron Semiconductors C35 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
C35 SERIES
SILICON CONTROLLED RECTIFIERS
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ.
Max
Unit
Peak reverse or forward blocking current
(VD = Rated VDRM, TC = 125°C)
(VR = Rated VRRM, TC = 125°C)
C35U,F, A, G
C35B
C35H
C35C
C35D
C35E
C35M
C35S
C35N
IDRM or
IRRM
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
13
12
11
10
8
6
5
4.5
4
mA
Average forward or reverse blocking current
(VD = Rated VDRM, TC = 125°C)
(VR = Rated VRRM, TC = 125°C)
C35U,F, A, G
C35B
C35H
C35C
C35D
C35E
C35M
C35S
C35N
IDRM(AV)
or
IRRM(AV)
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
6.5
6
5.5
5
4
3
2.5
2.25
2
mA
Peak on-state voltage
(ITM = 50.3A peak, pulse width ≤ 1ms, duty cycle ≤ 2.0%)
VTM
-
-
2
Volts
Gate trigger current (continuous dc)
(VD = 12V, RL = 50Ω)
(VD = 12V, RL = 50Ω, TC = -65°C)
IGT
-
-
6
-
40
80
mA
Gate trigger voltage (continuous dc)
(VD = 12V, RL = 50Ω, TC = -65°C to +125°C)
(VD = Rated VDRM, RL = 1000Ω, TC = 125°C)
VGT
-
0.25
-
-
3
-
Volts
Holding current
(VD = 24V, gate supply = 10V, 20Ω, 45µs minimum pulse width, IT = 0.5A)
IH
-
-
100
mA
Critical rate of rise of forward blocking voltage
(VD = Rated VDRM, TC = 125°C)
C35U, F, M, S, N
C35A, G, B, H
C35C, D, E
dv/dt
10
20
25
-
-
-
-
-
-
V/µs
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130129



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com