Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74LVC2G02L-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC2G02L-S08-R
Description  DUAL 2-INPUT POSITIVE-NOR GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G02L-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC2G02L-S08-R Datasheet HTML 1Page - Unisonic Technologies U74LVC2G02L-S08-R Datasheet HTML 2Page - Unisonic Technologies U74LVC2G02L-S08-R Datasheet HTML 3Page - Unisonic Technologies U74LVC2G02L-S08-R Datasheet HTML 4Page - Unisonic Technologies U74LVC2G02L-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74LVC2G02
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-790.A
STATIC CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Quiescent Supply Current
VCC=1.65 to 5.5V,
VIN=VCC or GND, IOUT=0
10
μA
Additional Quiescent Supply
Current Per Input Pin
ΔICC
VCC=3 to 5.5V,
One input at VCC-0.6V,
Other inputs at VCC or GND
500
uA
Input Capacitance
CIN
VCC=3.3V, VIN=VCC or GND
5
pF
DYNAMIC CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation Delay From
Input (A or B) to Output(Y)
tPHL /tPLH
VCC =1.8V±0.15V, CL =30 pF,
RL=1KΩ
3.2
8.9
ns
VCC=2.5V±0.2V, CL =30 pF, RL=500Ω
1
5.4
VCC=3.3V±0.3V, CL =50 pF, RL=500Ω
1
4.9
VCC=5V±0.5V, CL =50 pF, RL=500Ω
1
4.4
Note: See Fig. 1 and Fig. 2 for test circuit and waveforms.
OPERATING CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Cpd Power Dissipation
Capacitance
CPD
VCC=3.3V, f=10MHz
19
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com