Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACLSN12 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ACLSN12
Description  Lock Kit for Cla mp Cover Junction Boxes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ACLSN12 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ACLSN12 Datasheet HTML 1Page - List of Unclassifed Manufacturers ACLSN12 Datasheet HTML 2Page - List of Unclassifed Manufacturers ACLSN12 Datasheet HTML 3Page - List of Unclassifed Manufacturers ACLSN12 Datasheet HTML 4Page - List of Unclassifed Manufacturers ACLSN12 Datasheet HTML 5Page - List of Unclassifed Manufacturers ACLSN12 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Spec-00479 G
2
PH 763.422.2211 • FAX 763.422.2600 • HOFFMANONLINE.COM
EQUIPMENT PROTECTION SOLUTIONS
Accessories
Locks, Lockouts, LAtches, hAndLes And cLAmps Lockouts
Lockouts
sAfety Lockouts
Provide a means of using multiple
padlocks on a secured power
source. Catalog number ASL6C
includes a 10.00-in. (254-mm) plated
steel chain. Manufactured from 10
gauge steel with six station holes.
Red finish. Overall length is 5.06 in.
(128 mm) and padlock holes are .38-
in. (10-mm) in diameter.
Bulletin: A80
Catalog Number
Description
ASL6
Without chain
ASL6C
With chain
duAL-Access sAfety Lockouts
Provide a means of using two
padlocks on a secured power
source. Either padlock can be
removed enabling power to be
interrupted and enclosure accessed.
Catalog number ASLDAC includes
a 10.00-in. (254-mm) plated steel
chain. Lockouts are manufactured
from 10 gauge steel and finished
in red. Padlock holes are .38-in.
(10-mm) in diameter. Padlock is not
included.
Bulletin: A80
Catalog Number
Description
ASLDA
Without chain
ASLDAC
With chain



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com