Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74ACT125L-S14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74ACT125L-S14-R
Description  QUAD BUFFER WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74ACT125L-S14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74ACT125L-S14-R Datasheet HTML 1Page - Unisonic Technologies U74ACT125L-S14-R Datasheet HTML 2Page - Unisonic Technologies U74ACT125L-S14-R Datasheet HTML 3Page - Unisonic Technologies U74ACT125L-S14-R Datasheet HTML 4Page - Unisonic Technologies U74ACT125L-S14-R Datasheet HTML 5Page - Unisonic Technologies U74ACT125L-S14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
U74ACT125
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-991. A
ABSOLUTE MAXIMUM RATING (unless otherwise specified)(Note 1)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~7
V
Input Voltage
VIN
-0.5~ VCC+0.5
V
Output Voltage(active mode)
VOUT
-0.5~VCC+0.5
V
Input Diode Current(VIN=-0.5V)
IIK
-20
mA
Input Diode Current(VIN=VCC+0.5V)
IIK
+20
mA
Output Diode Current(VIN=-0.5V)
IOK
-20
mA
Output Diode Current(VIN=VCC+0.5V)
IOK
+20
mA
Output Current
IOUT
±50
mA
VCC or GND Current
ICC
±100
mA
Storage Temperature
TSTG
-65 ~ +150
°C
Notes: 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING COMDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
4.5
5.5
V
Input Voltage
VIN
0
VCC
V
Output Voltage
VOUT
0
VCC
V
Minimum Input Edge Rate
∆v/∆t
VIN from 0.8V to 2.0V
VCC @ 4.5V, 5.5V
125
mV/ns
Operating Temperature
TA
-40
+85
°C
STATIC CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
HIGH Level Input Voltage
VIH
VCC=4.5V
2
1.5
V
VCC=5.5V
2
1.5
LOW Level Input Voltage
VIL
VCC=4.5V
1.5
0.8
V
VCC=5.5V
1.5
0.8
High-Level Output Voltage
VOH
IOH=-50uA
VCC=4.5V
4.4
4.49
V
VCC=5.5V
5.4
5.49
IOH=-24mA
VCC=4.5V
3.86
VCC=5.5V
4.86
Low-Level Output Voltage
VOL
IOL=50uA
VCC=4.5V
0.001
0.1
V
VCC=5.5V
0.001
0.1
IOL=24mA
VCC=4.5V
0.36
VCC=5.5V
0.36
Input Leakage Current
II(LEAK)
VCC = 5.5V, VIN=VCC or GND
±0.1
μA
Quiescent Supply Current
ICC
VCC = 5.5V, VIN=5.5V or GND
IOUT=0
4
μA
Maximum ICC/Input
ICCT
VCC = 5.5V, VI=VCC-2.1V
0.6
mA
Input Capacitance
CIN
VCC =OPEN
4.5
pF
3-STATE Current
IOZ
VCC=5.5V, VI=VIL, VIH
VO=VCC, GND
±0.5
μA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com