Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX97/C15 Datasheet(PDF) 2 Page - Shanghai Lunsure Electronic Tech

Part # BZX97/C15
Description  0.5W SILICON PLANAR ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

BZX97/C15 Datasheet(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  BZX97/C15 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech BZX97/C15 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CE
BZX97/C 2V4 THRU BZX97/C 51
CHENYI ELECTRONICS
0.5W SILICON PLANAR ZENER DIODES
BZX97... SILICON PLANAR ZENER DIODES
Temp Coefficient
of
zener voltage
Vznom
TKVZ
v
mA
V
mA
A
A
V
%/K
BZX 97/C 2V4
2.4
2.28…2.56
<10000
<50
135
BZX 97/C 2V7
2.7
2.5…2.9
<10000
<50
135
BZX 97/C 3V0
3.0
2.8…3.2
<4000
125
BZX 97/C 3V3
3.3
3.1…3.5
115
BZX 97/C 3V6
3.6
3.4…3.8
105
BZX 97/C 3V9
3.9
3.7…4.1
95
BZX 97/C 4V3
4.3
4.0…4.6
<75
<1000
<20
90
BZX 97/C 4V7
4.7
4.4…5.0
<60
<500
<10
85
BZX 97/C 5V1
5.1
4.8…5.4
<35
<550
80
BZX 97/C 5V6
5.6
5.2…6.0
<25
<450
70
BZX 97/C 6V2
6.2
5.8…6.6
<10
<200
2
64
BZX 97/C 6V8
6.8
6.4…7.2
<8
<150
3
58
BZX 97/C 7V5
7.5
7.0…7.9
<7
5
53
BZX 97/C 8V2
8.2
7.7…8.7
<7
6
47
BZX 97/C 9V1
9.1
8.5…9.6
<10
7
43
BZX 97/C 10
10
9.4…10.6
<15
<70
7.5
40
BZX 97/C 11
11
10.4…11.6
<20
<70
8.5
36
BZX 97/C 12
12
11.4…12.7
<20
<90
9
32
BZX 97/C 13
13
12.4…14.1
<26
<110
10
29
BZX 97/C 15
15
13.8…15.6
<30
<110
11
27
BZX 97/C 16
16
15.3…17.1
<40
<170
12
24
BZX 97/C 18
18
16.8…19.1
<50
<170
14
21
BZX 97/C 20
20
18.8…21.2
<55
<220
15
20
BZX 97/C 22
22
20.8…23.3
<55
17
18
BZX 97/C 24
24
22.8…25.6
18
16
BZX 97/C 27
27
25.1…28.9
20
14
BZX 97/C 30
30
28…32
22
13
BZX 97/C 33
33
31…35
24
12
BZX 97/C 36
36
34…38
<90
<250
26
11
BZX 97/C 39
39
37…41
<100
<6002)
28
10
BZX 97/C 43
43
40…46
<100
<7002)
32
9.2
BZX 97/C 47
47
44…50
<120
<10002)
34
8.5
BZX 97/C 51
51
48...54
<135
<10002)
36
7.8
1)Teated with pulses tp=20ms
2)Measured at IZ=0.5mA
3)Valid provided that leads are kept at ambient temperature at a distance of 8mm from case
0.5
<2000
Reverse leakage current
IR and IR 2) at VR
<100
<40
<2
1
5
2.5
<85
<80
<600
<50
<220
1
Type
Zener Voltage range 1)
Dynamic resistance
IZT for VZT 2)
rZjt and rZjk at IZK
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com