Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST11LP12 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SST11LP12
Description  4.9-5.8 GHz High-Linearity Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SST11LP12 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SST11LP12 Datasheet HTML 4Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 5Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 6Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 7Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 8Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 9Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 10Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 11Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Data Sheet
4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP12
©2010 Silicon Storage Technology, Inc.
S71278-04-000
12/10
FIGURE 9: Recommended Schematic for High-Power 802.11a Application
VCC
50
Ω
100 pF
RFin
VREF
0.1 µF
0-20 mil
10
2
5
6
7
8
9
11
12
16
15
14
13
3
4
1
RFOUT
Det_ref
Det
10 pF
10 pF
25
Ω
50
Ω
* Distance from the edge of the package
to the edge of the 0.3 pF capacitor = 40 mil
**Distance from the edge of the output patch
to the edge of the 0.1 pF /0.4 pF capacitors
= 40 mil
Bias Circuit
1278 Schematic.0.5
0.3 pF*
Test Conditions
VREG = 2.85V
VCC=3.3V
0
Ω
0.1 µF
10 µF
0.1 µF
0.1 pF
**
0.4 pF
**
80 mil/60 mil
0.1 µF
3.3 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com