Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74AHCT3G06G-P08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74AHCT3G06G-P08-R
Description  INVERTER WITH OPEN-DRAIN OUTPUT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHCT3G06G-P08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74AHCT3G06G-P08-R Datasheet HTML 1Page - Unisonic Technologies U74AHCT3G06G-P08-R Datasheet HTML 2Page - Unisonic Technologies U74AHCT3G06G-P08-R Datasheet HTML 3Page - Unisonic Technologies U74AHCT3G06G-P08-R Datasheet HTML 4Page - Unisonic Technologies U74AHCT3G06G-P08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74AHCT3G06
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-692.A
SWITCHING CHARACTERISTICS (TA=25 , tR = tF ≤ 3.0 ns)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Propagation Delay from Input (A) to
Output(Y)
tPZL
VCC 4.5V to 5.5V
CL 15pF
-
3.0
5.3
ns
tPLZ
-
3.2
4.6
tPZL
CL 50pF
-
4.2
7.5
ns
tPLZ
-
4.5
7.0
OPERATING CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
TYP
UNIT
Power Dissipation Capacitance
CPD
CL=50pF, f=1MHz (Note1, 2)
4.5
pF
Notes
1. CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD × VCC
2 × fi × N + Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = number of inputs switching;
Σ(CL × VCC
2 × fo) = sum of the outputs.
2. The condition is VI = GND to VCC.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com