Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74AUP1G14L-AL5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AUP1G14L-AL5-R
Description  LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AUP1G14L-AL5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AUP1G14L-AL5-R Datasheet HTML 1Page - Unisonic Technologies U74AUP1G14L-AL5-R Datasheet HTML 2Page - Unisonic Technologies U74AUP1G14L-AL5-R Datasheet HTML 3Page - Unisonic Technologies U74AUP1G14L-AL5-R Datasheet HTML 4Page - Unisonic Technologies U74AUP1G14L-AL5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AUP1G14
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-885.A
LOW-POWER SINGLE
SCHMITT-TRIGGER INVERTER
DESCRIPTION
The U74AUP1G14 ensures a very low static and dynamic
power consumption across the entire VCC range of 0.8V to 3.6V,
resulting in an increased battery life. This product also maintains
excellent signal integrity.
This
device
functions
as
an
independent
gate
with
Schmitt-trigger inputs, which allows for slow input transition and
better switching-noise immunity at the input.
FEATURES
* Operation Voltage Range:
0.8V~3.6V
* Low Static-Power Consumption: ICC=0.9μA (Max)
* Optimized for 3.3V Operation
* Low Noise Immunity
* IOFF Supports Partial-Power-Down Mode Operation
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free Plating
Halogen Free
U74AUP1G14L-AE5-R
U74AUP1G14G-AE5-R
SOT-23-5
Tape Reel
U74AUP1G14L-AL5-R
U74AUP1G14G-AL5-R
SOT-353
Tape Reel
MARKING


Similar Part No. - U74AUP1G14L-AL5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AUP1G14G-AE5-R UTC-U74AUP1G14G-AE5-R Datasheet
186Kb / 6P
LOW-POWER SINGLE INVERTER BUFFER/DRIVER
U74AUP1G14G-AL5-R UTC-U74AUP1G14G-AL5-R Datasheet
186Kb / 6P
LOW-POWER SINGLE INVERTER BUFFER/DRIVER
U74AUP1G14 UTC-U74AUP1G14_15 Datasheet
186Kb / 6P
LOW-POWER SINGLE INVERTER BUFFER/DRIVER
More results

Similar Description - U74AUP1G14L-AL5-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G14 TI-SN74AUP1G14 Datasheet
194Kb / 11P
LOW POWER SINGLE SCHMITT TRIGGER INVERTER
logo
NXP Semiconductors
74AUP1G14 PHILIPS-74AUP1G14 Datasheet
101Kb / 20P
Low-power Schmitt-trigger inverter
Rev. 01-20 July 2005
74AUP1G14 NXP-74AUP1G14 Datasheet
112Kb / 19P
Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
logo
Texas Instruments
SN74AUP1G14 TI-SN74AUP1G14_10 Datasheet
861Kb / 21P
LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
SN74AUP1G14_101 TI-SN74AUP1G14_101 Datasheet
978Kb / 22P
LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74AUP1G14 PHILIPS-74AUP1G14_15 Datasheet
443Kb / 24P
Low-power Schmitt trigger inverter
Rev. 6-28 June 2012
logo
Texas Instruments
SN74AUP1G14 TI1-SN74AUP1G14_17 Datasheet
1Mb / 36P
SN74AUP1G14 Low-Power Single Schmitt-Trigger Inverter
SN74AUP1G14_017 TI1-SN74AUP1G14_017 Datasheet
1Mb / 39P
Low-Power Single Schmitt-Trigger Inverter
logo
Nexperia B.V. All right...
74AXP1G14 NEXPERIA-74AXP1G14 Datasheet
228Kb / 16P
Low-power Schmitt trigger inverter
74AUP1G14 NEXPERIA-74AUP1G14 Datasheet
311Kb / 21P
Low-power Schmitt trigger inverter
Rev. 10 - 14 January 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com