Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM346 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM346
Description  LM146/LM346 Programmable Quad Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM346 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM346 Datasheet HTML 6Page - National Semiconductor (TI) LM346 Datasheet HTML 7Page - National Semiconductor (TI) LM346 Datasheet HTML 8Page - National Semiconductor (TI) LM346 Datasheet HTML 9Page - National Semiconductor (TI) LM346 Datasheet HTML 10Page - National Semiconductor (TI) LM346 Datasheet HTML 11Page - National Semiconductor (TI) LM346 Datasheet HTML 12Page - National Semiconductor (TI) LM346 Datasheet HTML 13Page - National Semiconductor (TI) LM346 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LM146, LM346
SNOSBH5B – MAY 2004 – REVISED SEPTEMBER 2004
www.ti.com
LM146 TYPICAL PERFORMANCE SUMMARY
The LM146 typical behaviour is shown in Figure 28. The device is fully predictable. As the set current, ISET,
increases, the speed, the bias current, and the supply current increase while the noise power decreases
proportionally and the VOSremains constant. The usable GBW range of the op amp is 10 kHz to 3.5−4 MHz.
Figure 28. LM146 Typical Characteristics
Low Power Supply Operation: The quad op amp operates down to ±1.3V supply. Also, since the internal
circuitry is biased through programmable current sources, no degradation of the device speed will occur.
SPEED VS POWER CONSUMPTION
LM146 vs LM4250 (single programmable). Through Figure 29, we observe that the LM146's power consumption
has been optimized for GBW products above 200 kHz, whereas the LM4250 will reach a GBW of no more than
300 kHz. For GBW products below 200 kHz, the LM4250 will consume less power.
Figure 29. LM146 vs LM4250
10
Submit Documentation Feedback
Copyright © 2004, Texas Instruments Incorporated
Product Folder Links: LM146 LM346



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com