Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM346MNOPB Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM346MNOPB
Description  LM146/LM346 Programmable Quad Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM346MNOPB Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM346MNOPB Datasheet HTML 5Page - National Semiconductor (TI) LM346MNOPB Datasheet HTML 6Page - National Semiconductor (TI) LM346MNOPB Datasheet HTML 7Page - National Semiconductor (TI) LM346MNOPB Datasheet HTML 8Page - National Semiconductor (TI) LM346MNOPB Datasheet HTML 9Page - National Semiconductor (TI) LM346MNOPB Datasheet HTML 10Page - National Semiconductor (TI) LM346MNOPB Datasheet HTML 11Page - National Semiconductor (TI) LM346MNOPB Datasheet HTML 12Page - National Semiconductor (TI) LM346MNOPB Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LM146, LM346
www.ti.com
SNOSBH5B – MAY 2004 – REVISED SEPTEMBER 2004
APPLICATION HINTS
Avoid reversing the power supply polarity; the device will fail.
COMMON-MODE INPUT VOLTAGE
The negative common-mode voltage limit is one diode drop above the negative supply voltage. Exceeding this
limit on either input will result in an output phase reversal. The positive common-mode limit is typically 1V below
the positive supply voltage. No output phase reversal will occur if this limit is exceeded by either input.
OUTPUT VOLTAGE SWING VS ISET
For a desired output voltage swing the value of the minimum load depends on the positive and negative output
current capability of the op amp. The maximum available positive output current, (ICL+), of the device increases
with ISET whereas the negative output current (ICL−) is independent of ISET. Figure 26 illustrates the above.
Figure 26. Output Current Limit vs ISET
INPUT CAPACITANCE
The input capacitance, CIN, of the LM146 is approximately 2 pF; any stray capacitance, CS, (due to external
circuit circuit layout) will add to CIN. When resistive or active feedback is applied, an additional pole is added to
the open loop frequency response of the device. For instance with resistive feedback (Figure 27), this pole
occurs at ½
π (R1||R2) (CIN + CS). Make sure that this pole occurs at least 2 octaves beyond the expected −3 dB
frequency corner of the closed loop gain of the amplifier; if not, place a lead capacitor in the feedback such that
the time constant of this capacitor and the resistance it parallels is equal to the RI(CS + CIN), where RI is the input
resistance of the circuit.
Figure 27. Resistive Feedback Circuit Example
TEMPERATURE EFFECT ON THE GBW
The GBW (gain bandwidth product), of the LM146 is directly proportional to ISET and inversely proportional to the
absolute temperature. When using resistors to set the bias current, ISET, of the device, the GBW product will
decrease with increasing temperature. Compensation can be provided by creating an ISET current directly
proportional to temperature (see Typical Applications).
ISOLATION BETWEEN AMPLIFIERS
The LM146 die is isothermally layed out such that crosstalk between all 4 amplifiers is in excess of
−105 dB
(DC). Optimum isolation (better than
−110 dB) occurs between amplifiers A and D, B and C; that is, if amplifier A
dissipates power on its output stage, amplifier D is the one which will be affected the least, and vice versa. Same
argument holds for amplifiers B and C.
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM146 LM346



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com