Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM324ADR Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM324ADR
Description  Quadruple Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM324ADR Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM324ADR Datasheet HTML 2Page - National Semiconductor (TI) LM324ADR Datasheet HTML 3Page - National Semiconductor (TI) LM324ADR Datasheet HTML 4Page - National Semiconductor (TI) LM324ADR Datasheet HTML 5Page - National Semiconductor (TI) LM324ADR Datasheet HTML 6Page - National Semiconductor (TI) LM324ADR Datasheet HTML 7Page - National Semiconductor (TI) LM324ADR Datasheet HTML 8Page - National Semiconductor (TI) LM324ADR Datasheet HTML 9Page - National Semiconductor (TI) LM324ADR Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
LM124, LM124A, LM224, LM224A, LM324, LM324A, LM2902, LM2902V
LM224K, LM224KA, LM324K, LM324KA, LM2902K, LM2902KV, LM2902KAV
SLOS066V – SEPTEMBER 1975 – REVISED JANUARY 2014
www.ti.com
Electrical Characteristics
at specified free-air temperature, VCC = 5 V (unless otherwise noted)
LM124A
LM224A
LM324A, LM324KA
PARAMETER
TEST CONDITIONS
(1)
TA
(2)
UNIT
MIN
TYP
(3)
MAX
MIN
TYP
(3)
MAX
MIN
TYP
(3)
MAX
VCC = 5 V to 30 V,
25°C
2
2
3
2
3
Input offset
VIO
VIC = VICRmin,
mV
voltage
Full range
4
4
5
VO = 1.4 V
25°C
10
2
15
2
30
Input offset
IIO
VO = 1.4 V
nA
current
Full range
30
30
75
25°C
–50
–15
–80
–15
–100
Input bias
IIB
VO = 1.4 V
nA
current
Full range
–100
–100
–200
0 to
0 to
0 to
25°C
Common-mode
VCC − 1.5
VCC – 1.5
VCC – 1.5
VICR
input voltage
VCC = 30 V
V
0 to
0 to
0 to
range
Full range
VCC − 2
VCC – 2
VCC – 2
RL = 2 kΩ
25°C
VCC − 1.5
VCC – 1.5
VCC – 1.5
High-level
VOH
RL=2kΩ
Full range
26
26
26
V
output voltage
VCC = 30 V
RL≥10kΩ
Full range
27
27
28
27
28
Low-level output
VOL
RL ≤ 10 kΩ
Full range
20
5
20
5
20
mV
voltage
Large-signal
25°C
50
100
50
100
25
100
VCC = 15 V,
differential
VO = 1 V to 11 V,
AVD
V/mV
voltage
Full range
25
25
15
RL ≥ 2 kΩ
amplification
Common-mode
CMRR
VIC = VICRmin
25°C
70
70
80
65
80
dB
rejection ratio
Supply-voltage
rejection ratio
kSVR
25°C
65
65
100
65
100
dB
(
ΔVCC /ΔVIO)
Crosstalk
VO1/ VO2
f = 1 kHz to 20 kHz
25°C
120
120
120
dB
attenuation
VCC = 15 V,
25°C
–20
–20
–30
–60
–20
–30
–60
VID = 1 V,
Source
Full range
–10
–10
–10
VO = 0
mA
IO
Output current
VCC = 15 V,
25°C
10
10
20
1
20
VID = –1 V,
Sink
Full range
5
5
5
VO = 15 V
VID = −1 V, VO = 200 mV
25°C
12
12
30
12
30
μA
VCC at 5 V, GND at –5 V,
Short-circuit
IOS
25°C
±40
±60
±40
±60
±40
±60
mA
output current
VO = 0
VO = 2.5 V, No load
Full range
0.7
1.2
0.7
1.2
0.7
1.2
Supply current
ICC
mA
VCC = 30 V, VO = 15 V,
(four amplifiers)
Full range
1.4
3.
1.4
3
1.4
3
No load
(1)
All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified.
(2)
Full range is –55°C to 125°C for LM124A, –25°C to 85°C for LM224A, and 0°C to 70°C for LM324A.
(3)
All typical values are at TA = 25°C.
6
Submit Documentation Feedback
Copyright © 1975–2014, Texas Instruments Incorporated
Product Folder Links: LM124 LM124A LM224 LM224A LM324 LM324A LM2902 LM2902V LM224K LM224KA
LM324K LM324KA LM2902K LM2902KV LM2902KAV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com