Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV358IDRG4 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV358IDRG4
Description  Low-Voltage Rail-To-Rail Output Operational Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV358IDRG4 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMV358IDRG4 Datasheet HTML 8Page - National Semiconductor (TI) LMV358IDRG4 Datasheet HTML 9Page - National Semiconductor (TI) LMV358IDRG4 Datasheet HTML 10Page - National Semiconductor (TI) LMV358IDRG4 Datasheet HTML 11Page - National Semiconductor (TI) LMV358IDRG4 Datasheet HTML 12Page - National Semiconductor (TI) LMV358IDRG4 Datasheet HTML 13Page - National Semiconductor (TI) LMV358IDRG4 Datasheet HTML 14Page - National Semiconductor (TI) LMV358IDRG4 Datasheet HTML 15Page - National Semiconductor (TI) LMV358IDRG4 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
VCC − Supply Voltage − V
0
10
20
30
40
50
60
70
2.5
3.0
3.5
4.0
4.5
5.0
LMV3xx
LMV324S
OUTPUT VOLTAGE SWING FROM RAILS
vs
SUPPLY VOLTAGE
Negative Swing
Positive Swing
RL = 10 kΩ
OUTPUT VOLTAGE
vs
FREQUENCY
Frequency − Hz
0
1
2
3
4
5
6
1k
10k
100k
1M
10M
RL = 10 kΩ
THD > 5%
AV = 3
LMV3xx
VCC = 5 V
LMV324S
VCC = 5 V
LMV3xx
VCC = 2.7 V
LMV324S
VCC = 2.7 V
0
10
20
30
40
50
60
70
80
100
1k
10k
100k
1M
−kSVR
vs
FREQUENCY
Frequency − Hz
VCC = −2.7 V
RL = 10 kΩ
LMV324S
LMV3xx
0
10
20
30
40
50
60
70
80
100
1k
10k
100k
1M
Frequency − Hz
+kSVR
vs
FREQUENCY
VCC = 2.7 V
RL = 10 kΩ
LMV324S
LMV3xx
LMV321, LMV358
LMV324, LMV324S
SLOS263V – AUGUST 1999 – REVISED DECEMBER 2013
www.ti.com
Typical Characteristics (continued)
Figure 21.
Figure 22.
Figure 23.
Figure 24.
12
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com