Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV358IPW Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV358IPW
Description  Low-Voltage Rail-To-Rail Output Operational Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV358IPW Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LMV358IPW Datasheet HTML 12Page - National Semiconductor (TI) LMV358IPW Datasheet HTML 13Page - National Semiconductor (TI) LMV358IPW Datasheet HTML 14Page - National Semiconductor (TI) LMV358IPW Datasheet HTML 15Page - National Semiconductor (TI) LMV358IPW Datasheet HTML 16Page - National Semiconductor (TI) LMV358IPW Datasheet HTML 17Page - National Semiconductor (TI) LMV358IPW Datasheet HTML 18Page - National Semiconductor (TI) LMV358IPW Datasheet HTML 19Page - National Semiconductor (TI) LMV358IPW Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
0.00
0.20
0.40
0.60
0.80
10
100
1k
10k
INPUT CURRENT NOISE
vs
FREQUENCY
Frequency − Hz
VCC = 2.7 V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
10
100
1k
10k
INPUT CURRENT NOISE
vs
FREQUENCY
Frequency − Hz
VCC = 5 V
INVERTING SMALL-SIGNAL
PULSE RESPONSE
1
µs/Div
VCC = ±2.5 V
RL = 2 kΩ
TA = −40°C
LMV3xx
LMV324S
Input
LMV3xx
LMV324S
Input
1
µs/Div
INVERTING SMALL-SIGNAL
PULSE RESPONSE
VCC = ±2.5 V
RL = 2 kΩ
TA = 85°C
LMV321, LMV358
LMV324, LMV324S
SLOS263V – AUGUST 1999 – REVISED DECEMBER 2013
www.ti.com
Typical Characteristics (continued)
Figure 37.
Figure 38.
Figure 39.
Figure 40.
16
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com