Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV344IPW Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV344IPW
Description  RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV344IPW Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMV344IPW Datasheet HTML 1Page - National Semiconductor (TI) LMV344IPW Datasheet HTML 2Page - National Semiconductor (TI) LMV344IPW Datasheet HTML 3Page - National Semiconductor (TI) LMV344IPW Datasheet HTML 4Page - National Semiconductor (TI) LMV344IPW Datasheet HTML 5Page - National Semiconductor (TI) LMV344IPW Datasheet HTML 6Page - National Semiconductor (TI) LMV344IPW Datasheet HTML 7Page - National Semiconductor (TI) LMV344IPW Datasheet HTML 8Page - National Semiconductor (TI) LMV344IPW Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
LMV341, LMV342, LMV344
www.ti.com
SLOS447H – SEPTEMBER 2004 – REVISED JUNE 2012
SHUTDOWN CHARACTERISTICS
V+ = 2.7 V, GND = 0 V, VIC = VO = V+/2, RL > 1 MΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
25°C
0.045
1000
nA
ICC(SHDN)
Supply current in shutdown mode
VSD = 0 V
Full range
1.5
μA
t(on)
Amplifier turn-on time
25°C
5
μs
ON mode
1.7 to 2.7 2.4 to 2.7
VSD
Shutdown pin voltage range
25°C
V
Shutdown mode
0 to 1
0 to 0.8
Copyright © 2004–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): LMV341 LMV342 LMV344



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com