Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV751 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV751
Description  LMV751 Low Noise, Low Vos, Single Op Amp
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV751 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMV751_14 Datasheet HTML 5Page - National Semiconductor (TI) LMV751_14 Datasheet HTML 6Page - National Semiconductor (TI) LMV751_14 Datasheet HTML 7Page - National Semiconductor (TI) LMV751_14 Datasheet HTML 8Page - National Semiconductor (TI) LMV751_14 Datasheet HTML 9Page - National Semiconductor (TI) LMV751_14 Datasheet HTML 10Page - National Semiconductor (TI) LMV751_14 Datasheet HTML 11Page - National Semiconductor (TI) LMV751_14 Datasheet HTML 12Page - National Semiconductor (TI) LMV751_14 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LMV751
www.ti.com
SNOS468E – AUGUST 1999 – REVISED MARCH 2013
Actual resistor noise measurements may have more noise than the calculated value. This additional noise
component is known as excess noise. Excess noise has a 1/f spectral response, and is proportional to the
voltage drop across the resistor. It is convenient to define a noise index when referring to excess noise in
resistors. The noise index is the RMS value in uV of noise in the resistor per volt of DC drop across the resistor
in a decade of frequency. Noise index expressed in dB is:
NI = 20 log ((EEX/VDC) x 10
6) db
where
EEX = resistor excess noise in uV per frequency decade
VDC = DC voltage drop across the resistor
(2)
Excess noise in carbon composition resistors corresponds to a large noise index of +10 dB to -20 dB. Carbon
film resistors have a noise index of -10 dB to -25 dB. Metal film and wire wound resistors show the least amount
of excess noise, with a noise index figure of -15 dB to -40 dB.
Other noise sources:
As the op amp and resistor noise sources are decreased, other noise contributors will now be noticeable. Small
air currents across thermocouples will result in low frequency variations. Any two dissimilar metals, such as the
lead on the IC and the solder and copper foil of the pc board, will form a thermocouple. The source itself may
also generate noise. An example would be a resistive bridge. All resistive sources generate thermal noise based
on the same equation listed above under "resistor types". (2)
Putting it all together
To a first approximation, the total input referred noise of an op amp is:
Et
2 = e
n
2 + e
req
2 + (i
n*Req)
2
where
Req is the equivalent source resistance at the inputs
(3)
At low impedances, voltage noise dominates. At high impedances, current noise dominates. With a typical noise
current on most CMOS input op amps of 0.01 pA/
√Hz, the current noise contribution will be smaller than the
voltage noise for Req less than one megohm.
Other Considerations
Comparator operation
Occasionally operational amplifiers are used as comparators. This is not optimum for the LMV751 for several
reasons. First, the LMV751 is compensated for unity gain stability, so the speed will be less than could be
obtained on the same process with a circuit specifically designed for comparator operation. Second, op amp
output stages are designed to be linear, and will not necessarily meet the logic levels required under all
conditions. Lastly, the LMV751 has the newer PNP-NPN common emitter output stage, characteristic of many
rail-to-rail output op amps. This means that when used in open loop applications, such as comparators, with very
light loads, the output PNP will saturate, with the output current being diverted into the previous stage. As a
result, the supply current will increase to the 20-30 mA. range. When used as a comparator, a resistive load
between 2k
Ω and 10kΩ should be used with a small amount of hysteresis to alleviate this problem. When used
as an op amp, the closed loop gain will drive the inverting input to within a few millivolts of the non-inverting
input. This will automatically reduce the output drive as the output settles to the correct value; thus it is only when
used as a comparator that the current will increase to the tens of milliampere range.
Rail-to-Rail
Because of the output stage discussed above, the LMV751 will swing “rail-to-rail” on the output. This normally
means within a few hundred millivolts of each rail with a reasonable load. Referring to the Electrical
Characteristics table for 2.7V to 5.0V, it can be seen that this is true for resistive loads of 2k
Ω and 10kΩ. The
input stage consists of cascoded P-channel MOSFETS, so the input common mode range includes ground, but
typically requires 1.2V to 1.3V headroom from the positive rail. This is better than the industry standard LM324
and LM358 that have PNP input stages, and the LMV751 has the advantage of much lower input bias currents.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMV751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com