Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV751M5 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV751M5
Description  LMV751 Low Noise, Low Vos, Single Op Amp
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV751M5 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMV751M5 Datasheet HTML 4Page - National Semiconductor (TI) LMV751M5 Datasheet HTML 5Page - National Semiconductor (TI) LMV751M5 Datasheet HTML 6Page - National Semiconductor (TI) LMV751M5 Datasheet HTML 7Page - National Semiconductor (TI) LMV751M5 Datasheet HTML 8Page - National Semiconductor (TI) LMV751M5 Datasheet HTML 9Page - National Semiconductor (TI) LMV751M5 Datasheet HTML 10Page - National Semiconductor (TI) LMV751M5 Datasheet HTML 11Page - National Semiconductor (TI) LMV751M5 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LMV751
SNOS468E – AUGUST 1999 – REVISED MARCH 2013
www.ti.com
APPLICATION HINTS
Noise
There are many sources of noise in a system: thermal noise, shot noise, 1/f, popcorn noise, resistor noise, just to
name a few. In addition to starting with a low noise op amp, such as the LMV751, careful attention to detail will
result in the lowest overall noise for the system.
To invert or not invert?
Both inverting and non-inverting amplifiers employ feedback to stabilize the closed loop gain of the block being
designed. The loop gain (in decibels) equals the algebraic difference between the open loop and closed loop
gains. Feedback improves the Total Harmonic Distortion (THD) and the output impedance. The various noise
sources, when input referred, are amplified, not by the closed loop gain, but by the noise gain. For a non-
inverting amplifier, the noise gain is equal to the closed loop gain, but for an inverting amplifier, the noise gain is
equal to the closed loop gain plus one. For large gains, e.g., 100, the difference is negligible, but for small gains,
such as one, the noise gain for the inverting amplifier would be two. This implies that non-inverting blocks are
preferred at low gains.
Source impedance
Because noise sources are uncorrelated, the system noise is calculated by taking the RMS sum of the various
noise sources, that is, the square root of the sum of the squares. At very low source impedances, the voltage
noise will dominate; at very high source impedances, the input noise current times the equivalent external
resistance will dominate. For a detailed example calculation, refer to Note 1.
Bias current compensation resistor
In CMOS input op amps, the input bias currents are very low, so there is no need to use RCOMP (see Figure 21
and Figure 22) for bias current compensation that would normally be used with early generation bipolar op amps.
In fact, inclusion of the resistor would act as another thermal noise source in the system, increasing the overall
noise.
Figure 21. Bias Current Compensation Resistor
Figure 22. Bias Current Compensation Resistor
Resistor types
Thermal noise is generated by any passive resistive element. This noise is "white"; meaning it has a constant
spectral density. Thermal noise can be represented by a mean-square voltage generator eR
2 in series with a
noiseless resistor, where eR
2 is given by: Where:
eR
2 = 4K TRB (volts)2
where
T = temperature in °K
R = resistor value in ohms
B = noise bandwidth in Hz
K = Boltzmann's constant (1.38 x 10-23 W-sec/°K)
(1)
8
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMV751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com