Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV342IDE4 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV342IDE4
Description  RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV342IDE4 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMV342IDE4 Datasheet HTML 6Page - National Semiconductor (TI) LMV342IDE4 Datasheet HTML 7Page - National Semiconductor (TI) LMV342IDE4 Datasheet HTML 8Page - National Semiconductor (TI) LMV342IDE4 Datasheet HTML 9Page - National Semiconductor (TI) LMV342IDE4 Datasheet HTML 10Page - National Semiconductor (TI) LMV342IDE4 Datasheet HTML 11Page - National Semiconductor (TI) LMV342IDE4 Datasheet HTML 12Page - National Semiconductor (TI) LMV342IDE4 Datasheet HTML 13Page - National Semiconductor (TI) LMV342IDE4 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
VO − Output Voltage − V
−3
−2
−1
0
1
2
3
V+ /GND = ±2.5 V
RL = 2 kΩ
RL = 10 kΩ
−300
−200
−100
0
100
200
300
VO − Output Voltage − V
−1.5
−1
−0.5
0
0.5
1
1.5
V+ /GND = ±1.35 V
RL = 2 kΩ
RL = 10 kΩ
−300
−200
−100
0
100
200
300
−0.2
0.8
1.8
2.8
3.8
4.8
5.8
VIC − Common-Mode Voltage − V
V+ = 5 V
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
−40
°C
25
°C
85
°C
125
°C
−0.2
0.8
1.8
2.8
VIC − Common-Mode Voltage − V
V+ = 2.7 V
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
−40
°C
25
°C
85
°C
125
°C
LMV341, LMV342, LMV344
SLOS447H – SEPTEMBER 2004 – REVISED JUNE 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
OFFSET VOLTAGE
OFFSET VOLTAGE
vs
vs
COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE
Figure 10.
Figure 11.
INPUT VOLTAGE
INPUT VOLTAGE
vs
vs
OUTPUT VOLTAGE
OUTPUT VOLTAGE
Figure 12.
Figure 13.
10
Submit Documentation Feedback
Copyright © 2004–2012, Texas Instruments Incorporated
Product Folder Link(s): LMV341 LMV342 LMV344



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com