Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV321 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LPV321
Description  Quad General Purpose, Low Voltage, Low Power,Rail-to-Rail Output Operational Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LPV321 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LPV321_14 Datasheet HTML 6Page - National Semiconductor (TI) LPV321_14 Datasheet HTML 7Page - National Semiconductor (TI) LPV321_14 Datasheet HTML 8Page - National Semiconductor (TI) LPV321_14 Datasheet HTML 9Page - National Semiconductor (TI) LPV321_14 Datasheet HTML 10Page - National Semiconductor (TI) LPV321_14 Datasheet HTML 11Page - National Semiconductor (TI) LPV321_14 Datasheet HTML 12Page - National Semiconductor (TI) LPV321_14 Datasheet HTML 13Page - National Semiconductor (TI) LPV321_14 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LPV321, LPV324-N, LPV358-N
SNOS413D – AUGUST 2000 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, VS = +5V, single supply, TA = 25°C.
Stability
Stability
vs.
vs.
Capacitive Load
Capacitive Load
Figure 34.
Figure 35.
THD
Open Loop Output Impedance
vs.
vs
Frequency
Frequency
Figure 36.
Figure 37.
Short Circuit Current
Short Circuit Current
vs.
vs.
Temperature (Sinking)
Temperature (Sourcing)
Figure 38.
Figure 39.
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LPV321 LPV324-N LPV358-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com