Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA237 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA237
Description  SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA237 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button OPA237 Datasheet HTML 5Page - National Semiconductor (TI) OPA237 Datasheet HTML 6Page - National Semiconductor (TI) OPA237 Datasheet HTML 7Page - National Semiconductor (TI) OPA237 Datasheet HTML 8Page - National Semiconductor (TI) OPA237 Datasheet HTML 9Page - National Semiconductor (TI) OPA237 Datasheet HTML 10Page - National Semiconductor (TI) OPA237 Datasheet HTML 11Page - National Semiconductor (TI) OPA237 Datasheet HTML 12Page - National Semiconductor (TI) OPA237 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
OPA237
OPA2237
OPA4237
SBOS057A − OCTOBER 1996 − REVISED FEBRUARY 2007
www.ti.com
9
TYPICAL CHARACTERISTICS (Continued)
At TA = +25°C and RL = 10kΩ, unless otherwise noted.
MAXIMUM OUTPUT VOLTAGE
vs FREQUENCY
1M
100k
Frequency (Hz)
1k
10k
30
25
20
15
10
5
0
Maximum output voltage
without slew−rate induced
distortion
V
S = ±15V
V
S =+5V
V
S =+2.7V
QUIESCENT CURRENT vs TEMPERATURE
Temperature (
_C)
300
250
200
150
100
50
−75
−50
−25
0
25
50
75
100
125
V
S =+5V
V
S = +2.7V
V
S = ±15V
SHORT−CIRCUIT CURRENT vs TEMPERATURE
Temperature (
_C)
12
10
8
6
4
2
0
−75
−50
−25
0
25
50
I
SC
−
I
SC
+
75
100
125
V
S =+2.7V
V
S =+5V
V
S = ±15V
V
S =+2.7V
V
S = ± 15V
V
S =+5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com