Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA244 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA244
Description  MicroPower, Single-Supply MicroPower, Single-Supply MicroAmplifier ??Series
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA244 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  OPA244 Datasheet HTML 1Page - National Semiconductor (TI) OPA244 Datasheet HTML 2Page - National Semiconductor (TI) OPA244 Datasheet HTML 3Page - National Semiconductor (TI) OPA244 Datasheet HTML 4Page - National Semiconductor (TI) OPA244 Datasheet HTML 5Page - National Semiconductor (TI) OPA244 Datasheet HTML 6Page - National Semiconductor (TI) OPA244 Datasheet HTML 7Page - National Semiconductor (TI) OPA244 Datasheet HTML 8Page - National Semiconductor (TI) OPA244 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
OPA244, 2244, 4244
®
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
Single
OPA244NA
SOT-23-5 Surface-Mount
331
–40
°C to +85°C
A44
OPA244NA/250
Tape and Reel
""
"
"
"
OPA244NA/3K
Tape and Reel
OPA244PA
8-Pin DIP
006
–40
°C to +85°C
OPA244PA
OPA244PA
Rails
OPA244UA
SO-8 Surface-Mount
182
–40
°C to +85°C
OPA244UA
OPA244UA
Rails
""
"
"
"
OPA244UA/2K5
Tape and Reel
Dual
OPA2244EA
MSOP-8 Surface-Mount
337
–40
°C to +85°C
A44
OPA2244EA/250
Tape and Reel
""
"
"
"
OPA2244EA/2K5
Tape and Reel
OPA2244PA
8-Pin DIP
006
–40
°C to +85°C
OPA2244PA
OPA2244PA
Rails
OPA2244UA
SO-8 Surface-Mount
182
–40
°C to +85°C
OPA2244UA
OPA2244UA
Rails
""
"
"
"
OPA2244UA/2K5
Tape and Reel
Quad
OPA4244EA
TSSOP-14 Surface-Mount
357
–40
°C to +85°C
OPA4244EA
OPA4244EA/250
Tape and Reel
""
"
"
"
OPA4244EA/2K5
Tape and Reel
NOTE: (1) Products followed by a slash (/) are only available in Tape and Reel in the quantities indicated (e.g., /250 indicates 250 devices per reel). Ordering 3000
pieces of “OPA244NA/3K” will get a single 3000 piece Tape and Reel.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
Supply Voltage, V+ to V– .................................................................... 36V
Input Voltage Range(2) ................................... (V–) – 0.3V to (V+) + 0.3V
Input Current(2) ................................................................................. 10mA
Output Short-Circuit(3) .............................................................. Continuous
Operating Temperature .................................................. –55
°C to +125°C
Storage Temperature ..................................................... –65
°C to +150°C
Junction Temperature ...................................................................... 150
°C
Lead Temperature (soldering, 10s) ................................................. 300
°C
ESD Capability ................................................................................ 2000V
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may de-
grade device reliability. (2) Inputs are diode-clamped to the supply rails and
should be current-limited to 10mA or less if input voltages can exceed rails
by more than 0.3V. (3) Short-circuit to ground, one amplifier per package.
ABSOLUTE MAXIMUM RATINGS(1)
PACKAGE /ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com