Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA320SAIDBVR Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA320SAIDBVR
Description  Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA320SAIDBVR Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button OPA320SAIDBVR Datasheet HTML 4Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 5Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 6Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 7Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 8Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 9Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 10Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 11Page - National Semiconductor (TI) OPA320SAIDBVR Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
140
120
100
80
60
40
20
0
100
10M
Frequency(Hz)
1k
10k
100k
1M
CMRR
PSRR
130
125
120
115
110
105
100
95
90
-50
150
Temperature( C)
°
-25
0
25
125
PSRR
CMRR
100
75
50
V =1.8Vto5.5V
S
40
35
30
25
20
15
10
5
0
InputBiasCurrent(pA)
1300
1200
1100
1000
900
800
700
600
500
400
300
200
100
0
100
-
-50
150
Temperature( C)
°
-25
25
50
0
75
100
125
I
OS
I
B+
I
B-
I
OS
I
B
1
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1
-
-
-
-
-
0.9
2.9
SupplyVoltage( V)
±
1.1
1.3
1.5
1.7
2.5
I
B-
I
B+
2.3
2.1
1.9
2.7
6
5
4
3
2
1
0
1
2
3
4
5
6
-
-
-
-
-
-
-3
3
Common-ModeVoltage(V)
-2.5
-2
-1.5
-1
1
0.5
0
-0.5
1.5
I
B+
I
B-
I
OS
2
2.5
OPA320, OPA2320
OPA320S, OPA2320S
SBOS513E – AUGUST 2010 – REVISED JUNE 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VCM = VOUT = mid-supply, and RL = 10kΩ, unless otherwise noted.
INPUT BIAS CURRENT vs SUPPLY VOLTAGE
INPUT BIAS CURRENT vs COMMON-MODE VOLTAGE
Figure 7.
Figure 8.
INPUT BIAS CURRENT DISTRIBUTION
INPUT BIAS CURRENT vs TEMPERATURE
Figure 9.
Figure 10.
CMRR AND PSRR vs FREQUENCY
CMRR AND PSRR vs TEMPERATURE
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: OPA320 OPA2320 OPA320S OPA2320S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com