Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA320SAIDBVT Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA320SAIDBVT
Description  Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA320SAIDBVT Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button OPA320SAIDBVT Datasheet HTML 6Page - National Semiconductor (TI) OPA320SAIDBVT Datasheet HTML 7Page - National Semiconductor (TI) OPA320SAIDBVT Datasheet HTML 8Page - National Semiconductor (TI) OPA320SAIDBVT Datasheet HTML 9Page - National Semiconductor (TI) OPA320SAIDBVT Datasheet HTML 10Page - National Semiconductor (TI) OPA320SAIDBVT Datasheet HTML 11Page - National Semiconductor (TI) OPA320SAIDBVT Datasheet HTML 12Page - National Semiconductor (TI) OPA320SAIDBVT Datasheet HTML 13Page - National Semiconductor (TI) OPA320SAIDBVT Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
0.1
0.01
0.001
0.0001
10
100k
Frequency(Hz)
100
1k
Frequency=10kHz
V
=4V
V = 2.5V
G=+1V/V
IN
PP
S
±
10k
Load=10kW
Load=600W
0
20
40
60
80
100
120
140
-
-
-
-
-
-
-
1k
100M
Frequency(Hz)
10k
100k
1M
10M
V = 2.75V
±
S
0.1
0.01
0.001
0.0001
0.01
10
V
(V )
IN
PP
0.1
1
Frequency=10kHz
V = 2.5V
G=+1V/V
S
±
Load=10kW
Load=600W
0.1
0.01
0.001
0.0001
10
100k
Frequency(Hz)
100
1k
Frequency=10kHz
V
=2V
V = 2.5V
G=+1V/V
IN
PP
S
±
10k
Load=10kW
Load=600W
1000
100
10
1
100M
Frequency(Hz)
10
1k
10k
100
100k
1M
10M
V =±2.75V
S
70
60
50
40
30
20
10
0
0
3000
CapacitiveLoad(pF)
2500
500
1000
1500
2000
G=1,V =1.8V
S
G=1,V =5.5V
S
G=10,V =1.8V
S
G=10,V =5.5V
S
OPA320, OPA2320
OPA320S, OPA2320S
SBOS513E – AUGUST 2010 – REVISED JUNE 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VCM = VOUT = mid-supply, and RL = 10kΩ, unless otherwise noted.
OPEN-LOOP OUTPUT IMPEDANCE vs FREQUENCY
SMALL-SIGNAL OVERSHOOT vs LOAD CAPACITANCE
Figure 19.
Figure 20.
THD+N vs AMPLITUDE
THD+N vs FREQUENCY
Figure 21.
Figure 22.
THD+N vs FREQUENCY
CHANNEL SEPARATION vs FREQUENCY (for Dual)
Figure 23.
Figure 24.
10
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: OPA320 OPA2320 OPA320S OPA2320S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com