Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA335AIDBVT Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA335AIDBVT
Description  0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA335AIDBVT Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button OPA335AIDBVT Datasheet HTML 2Page - National Semiconductor (TI) OPA335AIDBVT Datasheet HTML 3Page - National Semiconductor (TI) OPA335AIDBVT Datasheet HTML 4Page - National Semiconductor (TI) OPA335AIDBVT Datasheet HTML 5Page - National Semiconductor (TI) OPA335AIDBVT Datasheet HTML 6Page - National Semiconductor (TI) OPA335AIDBVT Datasheet HTML 7Page - National Semiconductor (TI) OPA335AIDBVT Datasheet HTML 8Page - National Semiconductor (TI) OPA335AIDBVT Datasheet HTML 9Page - National Semiconductor (TI) OPA335AIDBVT Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
www.ti.com
OPA334, OPA2334, OPA335, OPA2335
SBOS245D
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = +5V, RL = 10kΩ connected to VS/2, and VOUT = VS /2, unless otherwise noted.
NOISE vs FREQUENCY
1
1000
100
10
1k
100
10
Frequency (Hz)
100k
10k
SAMPLING FREQUENCY vs TEMPERATURE
–40
13
12
11
10
9
8
–10
50
110 125
Temperature (
°C)
20
80
SAMPLING FREQUENCY vs SUPPLY VOLTAGE
2.7
11.0
10.9
10.8
10.7
10.6
10.5
10.4
10.3
10.2
10.1
10.0
3.7
3.2
5.2
5.5
Supply Voltage (V)
4.7
4.2
SMALL-SIGNAL OVERSHOOT vs LOAD CAPACITANCE
(V
S = 2.7V to 5V)
10
50
45
40
35
30
25
20
15
10
5
0
100
1000
Load Capacitance (pF)
R
L = 10kΩ
0.01Hz TO 10Hz NOISE
10s/div
POWER-SUPPLY REJECTION RATIO vs FREQUENCY
140
120
100
80
60
40
20
0
Frequency (Hz)
10
1k
100
1M
100k
10k
+PSRR
–PSRR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com