Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD3110-R50-R Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # SD3110-R50-R
Description  Low Profile Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SD3110-R50-R Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  SD3110-R50-R Datasheet HTML 1Page - Cooper Bussmann, Inc. SD3110-R50-R Datasheet HTML 2Page - Cooper Bussmann, Inc. SD3110-R50-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
OCL Vs Isat
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
110%
120%
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100% 110% 120% 130% 140%
% of Isat
+85°C
+25°C
-40°C
Inductance Characteristics
SD3110 Series
Low Profile Power Inductors
Temperature Rise vs. Loss
0
10
20
30
40
50
60
70
80
90
100
0
0.04
0.08
0.12
0.16
0.2
0.24
0.28
0.32
0.36
Total Loss (W)
Visit us on the Web at www.cooperbussmann.com
1225 Broken Sound Pkwy. Suite F
Boca Raton, FL 33487
Tel: +1-561-998-4100 Toll Free: +1-888-414-2645 Fax: +1-561-241-6640
This bulletin is intended to present product design solutions and technical information that will help the end user with design applications. Cooper Electronic
Technologies reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Cooper
Electronic Technologies also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been
selected, it should be tested by the user in all possible applications.
Life Support Policy: Cooper Electronic Technologies does not authorize the use of any of its products for use in life support devices or systems without the
express written approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when
properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
PM-4137 3/07
© Cooper Electronic
Technologies 2007



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com