Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS235 Datasheet(PDF) 4 Page - Cherry Semiconductor Corporation

Part # CS235
Description  System Photoelectric Smoke Detector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS235 Datasheet(HTML) 4 Page - Cherry Semiconductor Corporation

  CS235 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS235 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS235 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS235 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS235 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS235 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Power Up
20ms
Gate (Clock)
10ms
3.5KHz
Oscillator/
LED Driver
Comp. Ref.
Comp. Ref.
Level
Detector Output
Data Input (low)
Alarm Enable (low)
Preset
10 Sec.
20ms
2 Sec.
Power Up
20ms
Gate (Clock)
10ms
3.5KHz
Oscillator/
LED Driver
Comp. Ref.
Comp. Ref.
Level
Detector Output
Data Input
Alarm Enable
Preset
Timing Diagram In Alarm
Timing Diagram Out of Alarm
Timing Diagrams
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com