Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS2841B Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS2841B
Description  Automotive Current Mode PWM Control Circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS2841B Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS2841B Datasheet HTML 1Page - Cherry Semiconductor Corporation CS2841B Datasheet HTML 2Page - Cherry Semiconductor Corporation CS2841B Datasheet HTML 3Page - Cherry Semiconductor Corporation CS2841B Datasheet HTML 4Page - Cherry Semiconductor Corporation CS2841B Datasheet HTML 5Page - Cherry Semiconductor Corporation CS2841B Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
1
COMP
2
3
4
VFB
Sense
OSC
VREF
VCC
VOUT
Gnd
8
7
6
5
VCC
Gnd
OSC
VFB
COMP
Sense
VREF
VOUT
Output
Enable
5V
Reference
Internal
Bias
NOR
S
R
PWM
Latch
Current
Sensing
Comparator
Oscillator
1 V
R
2 R
VC
Error
Amplifier
+
–
8.0V/7.4V
2.50V
Set/
Reset
Undervoltage
Lock-out Circuit
VCC Pwr
Pwr Gnd
s
Optimized for Off-line
Control
s
Internally Trimmed
Temperature
Compensated Oscillator
s
Maximum Duty-cycle
Clamp
s
VREF Stabilized before
Output Stage Enabled
s
Low Start-up Current
s
Pulse-by-pulse Current
Limiting
s
Improved Undervoltage
Lockout
s
Double Pulse Suppression
s
1% Trimmed Bandgap
Reference
s
High Current Totem Pole
Output
Package Options
8 Lead PDIP
10
7
14
13
12
8
1
2
3
4
5
6
11
9
COMP
NC
VFB
NC
Sense
NC
OSC
VREF
NC
VCC
VCC Pwr
VOUT
Pwr Gnd
Gnd
14 Lead SO Narrow
Automotive Current Mode PWM
Control Circuit
CS2841B
Description
The CS2841B provides all the nec-
essary features to implement off-
line fixed frequency current-mode
control with a minimum number of
external components.
The CS2841B (a variation of the
CS-2843A) is designed specifically
for use in automotive operation.
The low start threshold voltage of
8.0V (typ), and the ability to sur-
vive 40V automotive load dump
transients are important for auto-
motive subsystem designs. The
CS-2841 series has a history of
quality and reliability in automo-
tive applications.
The CS2841B incorporates a preci-
sion temperature-controlled oscil-
lator with an internally trimmed
discharge current to minimize vari-
ations in frequency. Duty-cycles
greater than 50% are also possible.
On board logic ensures that VREF is
stabilized before the output stage
is enabled. Ion implant resistors
provide tighter control of under-
voltage lockout.
Block Diagram
Absolute Maximum Ratings
Supply Voltage (Low Impedance Source)...................................................40V
Output Current ...............................................................................................±1A
Output Energy (Capacitive Load) .................................................................5µJ
Analog Inputs (VFB, Sense) ............................................................-0.3V to 5.5V
Error Amp Output Sink Current...............................................................10mA
Lead Temperature Soldering
Wave Solder (through hole styles only) ..........10 sec. max, 260°C peak
Reflow (SMD styles only) ...........60 sec. max above 183°C, 230°C peak
Features
Rev. 6/23/99
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
A
Company
®


Similar Part No. - CS2841B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS2841B ONSEMI-CS2841B Datasheet
100Kb / 10P
Automotive Current Mode PWM Control Circuit
September, 2005 ??Rev. 7
CS2841BEBN8 ONSEMI-CS2841BEBN8 Datasheet
100Kb / 10P
Automotive Current Mode PWM Control Circuit
September, 2005 ??Rev. 7
CS2841BEBN8G ONSEMI-CS2841BEBN8G Datasheet
100Kb / 10P
Automotive Current Mode PWM Control Circuit
September, 2005 ??Rev. 7
CS2841BED14 ONSEMI-CS2841BED14 Datasheet
100Kb / 10P
Automotive Current Mode PWM Control Circuit
September, 2005 ??Rev. 7
CS2841BED14G ONSEMI-CS2841BED14G Datasheet
100Kb / 10P
Automotive Current Mode PWM Control Circuit
September, 2005 ??Rev. 7
More results

Similar Description - CS2841B

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7096 NTE-NTE7096 Datasheet
25Kb / 3P
Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit
NTE7098 NTE-NTE7098 Datasheet
25Kb / 3P
Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit
logo
Cherry Semiconductor Co...
CS3842B CHERRY-CS3842B Datasheet
154Kb / 6P
Off-Line Current Mode PWM Control Circuit Off-Line Current Mode PWM Control Circuit
Rev. 6/23/99
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
Current Mode PWM Control Circuit
Rev. 12/23/97
logo
ON Semiconductor
CS52843 ONSEMI-CS52843 Datasheet
240Kb / 9P
Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
CS2841B ONSEMI-CS2841B Datasheet
100Kb / 10P
Automotive Current Mode PWM Control Circuit
September, 2005 ??Rev. 7
CS2844 ONSEMI-CS2844 Datasheet
162Kb / 12P
Current Mode PWM Control Circuit
June, 2001 ??Rev. 3
CS3845B ONSEMI-CS3845B Datasheet
63Kb / 8P
Current Mode PWM Control Circuit
December, 2001 - Rev. 7
CS52845 ONSEMI-CS52845 Datasheet
59Kb / 8P
Current Mode PWM Control
December, 2001 - Rev. 3
CS3842B ONSEMI-CS3842B Datasheet
68Kb / 8P
Off-Line Current Mode PWM Control Circuit
December, 2001 - Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com