Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5188 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 1N5188
Description  FAST RECOVERY RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N5188 Datasheet(HTML) 1 Page - Digitron Semiconductors

  1N5188 Datasheet HTML 1Page - Digitron Semiconductors 1N5188 Datasheet HTML 2Page - Digitron Semiconductors 1N5188 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N5186-1N5190
FAST RECOVERY RECTIFIERS
3 AMP
MAXIMUM RATINGS
Peak Inverse Voltage
Type
100 V
1N5186
200 V
1N5187
400 V
1N5188
600 V
1N5190
Maximum Average D.C. Output Current @ TA = 25°C
TA = 150°C
3.0 A
0.7 A
Non-Repetitive Sinusoidal Surge Current (8.3ms)
80 A
Operating Temperature Range
-65 to + 175°C
Storage Temperature Range
-65 to + 200°C
Thermal Resistance
See Lead Temperature Derating Curve
ELECTRICAL CHARACTERISTICS @ 25°C UNLESS OTHERWISE SPECIFIED)
Peak Forward Voltage
@ 9A (pk)
(8.3 ms)
Maximum Reverse DC
Current @ PIV
Type
Peak
Inverse
Voltage
Minimum Reverse Breakdown
Voltage @ 100 µA
Min
Max
25°C
100°C
1N5186
100 V
120 V
1N5187
200 V
240 V
1N5188
400 V
480 V
1N5190
600 V
660 V
0.9 V
1.5 V
2µA
100µA
Type
Reverse Recovery Time *
Capacitance @ VR = 0 V,
f = 1MHz
Capacitance @ VR = 4 V,
f = 1MHz
1N5186
150 ns
300 pF
200 pF
1N5187
200 ns
300 pF
170 pF
1N5188
250 ns
230 pF
120 pF
1N5190
400 ns
180 pF
90 pF
•
Recovery time measured from lF = 0.5 A to lR = 1.0 A, lREC =0.25A
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20080911


Similar Part No. - 1N5188

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5188 MICROSEMI-1N5188 Datasheet
75Kb / 2P
RECTIFIERS MILITARY APPROVED, 3AMP, FAST RECOVERY
logo
Sensitron
1N5188 SENSITRON-1N5188 Datasheet
36Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
1N5188 MICROSEMI-1N5188 Datasheet
106Kb / 2P
VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
logo
Central Semiconductor C...
1N5188 CENTRAL-1N5188 Datasheet
289Kb / 2P
FAST RECOVERY, GLASS PASSIVATED SILICON RECTIFIER 3 AMP, 400 THRU 600 VOLTS
1N5188 CENTRAL-1N5188 Datasheet
289Kb / 2P
PASSIVATED SILICON RECTIFIER
More results

Similar Description - 1N5188

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
S5295B EIC-S5295B Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
ERD29-02 BILIN-ERD29-02 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIERS
FR05-12 BILIN-FR05-12 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
FR301 HY-FR301 Datasheet
90Kb / 2P
FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
FR201 SECOS-FR201_15 Datasheet
166Kb / 2P
Fast Recovery Rectifiers
SMF101MH SECOS-SMF101MH_15 Datasheet
369Kb / 3P
Fast Recovery Rectifiers
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
1N4947 LRC-1N4947_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
Fast Recovery Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com