Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS3524A Datasheet(PDF) 6 Page - Cherry Semiconductor Corporation

Part # CS3524A
Description  Voltage Mode PWM Control Circuit with 200mA Output Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS3524A Datasheet(HTML) 6 Page - Cherry Semiconductor Corporation

  CS3524A Datasheet HTML 1Page - Cherry Semiconductor Corporation CS3524A Datasheet HTML 2Page - Cherry Semiconductor Corporation CS3524A Datasheet HTML 3Page - Cherry Semiconductor Corporation CS3524A Datasheet HTML 4Page - Cherry Semiconductor Corporation CS3524A Datasheet HTML 5Page - Cherry Semiconductor Corporation CS3524A Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Part Number
Description
CS3524AGN16
16 Lead PDIP
CS3524AGDW16
16 Lead SO Wide
CS3524AGDWR16
16 Lead SO Wide (tape & reel)
6
Thermal Data
16 Lead
16L
PDIP
SO Wide
R
ΘJC
typ
42
23
˚C/W
R
ΘJA
typ
80
105
˚C/W
D
Lead Count
Metric
English
Max
Min
Max
Min
16 Lead PDIP
19.69
18.67
.775
.735
16L SO Wide
10.50
10.10
.413
.398
Package Specification
PACKAGE DIMENSIONS IN mm (INCHES)
Ordering Information
PACKAGE THERMAL DATA
Rev. 10/28/96
© 1999 Cherry Semiconductor Corporation
Cherry Semiconductor Corporation reserves the
right to make changes to the specifications without
notice. Please contact Cherry Semiconductor
Corporation for the latest available information.
Plastic DIP (N); 300 mil wide
0.39 (.015)
MIN.
2.54 (.100) BSC
1.77 (.070)
1.14 (.045)
D
Some 8 and 16 lead
packages may have
1/2 lead at the end
of the package.
All specs are the same.
.203 (.008)
.356 (.014)
REF: JEDEC MS-001
3.68 (.145)
2.92 (.115)
8.26 (.325)
7.62 (.300)
7.11 (.280)
6.10 (.240)
.356 (.014)
.558 (.022)
Surface Mount Wide Body (DW); 300 mil wide
1.27 (.050) BSC
7.60 (.299)
7.40 (.291)
10.65 (.419)
10.00 (.394)
D
0.32 (.013)
0.23 (.009)
1.27 (.050)
0.40 (.016)
REF: JEDEC MS-013
2.49 (.098)
2.24 (.088)
0.51 (.020)
0.33 (.013)
2.65 (.104)
2.35 (.093)
0.30 (.012)
0.10 (.004)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com