Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74HC86G-S14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74HC86G-S14-R
Description  QUAD 2-INPUT EXCLUSIVE-OR GATES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC86G-S14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74HC86G-S14-R Datasheet HTML 1Page - Unisonic Technologies U74HC86G-S14-R Datasheet HTML 2Page - Unisonic Technologies U74HC86G-S14-R Datasheet HTML 3Page - Unisonic Technologies U74HC86G-S14-R Datasheet HTML 4Page - Unisonic Technologies U74HC86G-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74HC86
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-301.B
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~7
V
VCC or GND Current
ICC
±50
mA
Output Current
IOUT
±25
mA
Input Clamp Current
IIK
±20
mA
Output Clamp Current
IOK
±20
mA
Ambient Operating Temperature
TOPR
-40 ~ + 85
°C
Storage Temperature
TSTG
-65 ~ + 150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOP-14
Junction to Ambient
TSSOP-14
θJA
113
°C /W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
2
5
6
V
VCC=2.0V
1.5
VCC=4.5V
3.15
High-level Input Voltage
VIH
VCC=6.0V
4.2
V
VCC=2.0V
0
0.5
VCC=4.5V
0
1.35
Low-level Input Voltage
VIL
VCC=6.0V
0
1.8
V
Input Voltage
VIN
0
VCC
V
Output Voltage
VOUT
High or low state
0
VCC
V
VCC=2.0V
1
VCC=4.5V
0.5
Input Rise or Fall Times
tR, tF
VCC=6.0V
0.4
μs
ELECTRICAL CHARACTERISTICS (Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=2.0V, IOH=-20μA, VIN=VIH or VIL
1.9
1.998
VCC=4.5V, IOH=-20μA, VIN=VIH or VIL
4.4
4.499
VCC=6.0V, IOH=-20μA, VIN=VIH or VIL
5.9
5.999
VCC=4.5V, IOH=-4mA, VIN=VIH or VIL
3.98
4.3
Output Voltage High-Level
VOH
VCC=6.0V, IOH=-5.2mA, VIN=VIH or VIL 5.48
5.8
V
VCC=2.0V, IOL=20μA, VIN=VIH or VIL
2
100
VCC=4.5V, IOL=20μA, VIN=VIH or VIL
1
100
VCC=6.0V, IOL=20μA, VIN=VIH or VIL
1
100
VCC=4.5V, IOL=4mA, VIN=VIH or VIL
170
260
Output Voltage Low-Level
VOL
VCC=6.0V, IOL=5.2mA, VIN=VIH or VIL
150
260
mV
Input Leakage Current
II(LEAK)
VCC=6.0V, VIN=VCC or 0
±0.1
±100
nA
Quiescent Supply Current
IQ
VCC=6.0V, VIN=VCC or 0, IOUT=0
2
μA
Input Capacitance
CI
VCC=2.0V~6.0V
3
10
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com