Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS386H Datasheet(PDF) 5 Page - Cherry Semiconductor Corporation

Part # CS386H
Description  Alternator Voltage Regulator Darlington Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS386H Datasheet(HTML) 5 Page - Cherry Semiconductor Corporation

  CS386H Datasheet HTML 1Page - Cherry Semiconductor Corporation CS386H Datasheet HTML 2Page - Cherry Semiconductor Corporation CS386H Datasheet HTML 3Page - Cherry Semiconductor Corporation CS386H Datasheet HTML 4Page - Cherry Semiconductor Corporation CS386H Datasheet HTML 5Page - Cherry Semiconductor Corporation CS386H Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Package Specification
Thermal Data
14L SO
RΘJC
typ
30
˚C/W
RΘJA
typ
125
˚C/W
D
Lead Count
Metric
English
Max
Min
Max
Min
14L SO
8.75
8.55
.344
.337
PACKAGE DIMENSIONS IN mm (INCHES)
PACKAGE THERMAL DATA
Surface Mount Narrow Body (D); 150 mil wide
1.27 (.050) BSC
0.51 (.020)
0.33 (.013)
6.20 (.244)
5.80 (.228)
4.00 (.157)
3.80 (.150)
1.57 (.062)
1.37 (.054)
D
0.25 (0.10)
0.10 (.004)
1.75 (.069) MAX
1.27 (.050)
0.40 (.016)
REF: JEDEC MS-012
0.25 (.010)
0.19 (.008)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com