Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS3865C Datasheet(PDF) 7 Page - Cherry Semiconductor Corporation

Part # CS3865C
Description  High Performance Dual Channel Current Mode Controller with ENABLE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS3865C Datasheet(HTML) 7 Page - Cherry Semiconductor Corporation

  CS3865C Datasheet HTML 1Page - Cherry Semiconductor Corporation CS3865C Datasheet HTML 2Page - Cherry Semiconductor Corporation CS3865C Datasheet HTML 3Page - Cherry Semiconductor Corporation CS3865C Datasheet HTML 4Page - Cherry Semiconductor Corporation CS3865C Datasheet HTML 5Page - Cherry Semiconductor Corporation CS3865C Datasheet HTML 6Page - Cherry Semiconductor Corporation CS3865C Datasheet HTML 7Page - Cherry Semiconductor Corporation CS3865C Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
High frequency circuit layout techniques are imperative to
prevent pulse-width jitter. This is usually caused by exces-
sive noise pick-up imposed on the current sense and volt-
age feed-back inputs. Noise immunity can be improved by
lowering circuit impedances at these points. The printed
circuit board layout should contain a ground plane with
low current signal and high current switch and output
grounds returning on separate paths back to the input fil-
ter capacitor. Ceramic bypass capacitors (0.1µF) connected
directly to VCC and VREF may be required to improve noise
filtering. They provide a low impedance path for filtering
the high frequency noise. All high current loops should be
kept as short as possible using heavy copper runs. The
error amp compensation circuitry and the converter out-
put voltage-divider should be located close to the IC and
as far as possible from the power switch and other noise
generating components.
Design Considerations
Operating Description: continued
+
-
+
-
+
-
+
+
+
+
-
+
-
+
-
RT
CT
VFB
1
Reference
Regulator
VREF
UVLO
3.4V
14V
2.5V
R
R
20kΩ
VREF
Sync
1.0mA
2R
0.5V
250µA
R
1.0mA
2R
Error
Amp 2
COMP1
ENABLE2
VFB
2
COMP2
Gnd
Pwr Gnd
R
0.5V
Current Sense
Comparator 1
Current Sense
Comparator 1
R
S
Q
R
S
R
PWM
Latch 2
PWM
Latch 1
VCC
UVLO
VCC
17V
VIN
VOUT1
VOUT2
Sense1
Q1
Q2
RSense1
Sense2
RSense2
+
-
+
-
Error
Amp 1
VOUT
1
VOUT
2
COUT
2
COUT
1
5.0V
Q
Oscillator
Internal
Bias
CF1 +
L1
D1
L2
D2
+
+
CF2
RFB
1
RFB
2
RFB
3
RFB
4
VOUT
2
VOUT
1
Dual Boost Regulator
Applications Diagram
SYNC
CT
Latch 1
“Set” Input
COMP1
Sense1
VOUT1
Latch 1
“Reset” Input
ENABLE2
Latch 2
“Set” Input
COMP2
Sense2
Latch 2
“Reset” Input
VOUT2
0V
Timing Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com