Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74HC4094L-S16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74HC4094L-S16-R
Description  8-STAGE SHIFT & STORE BUS REGISTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC4094L-S16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74HC4094L-S16-R Datasheet HTML 1Page - Unisonic Technologies U74HC4094L-S16-R Datasheet HTML 2Page - Unisonic Technologies U74HC4094L-S16-R Datasheet HTML 3Page - Unisonic Technologies U74HC4094L-S16-R Datasheet HTML 4Page - Unisonic Technologies U74HC4094L-S16-R Datasheet HTML 5Page - Unisonic Technologies U74HC4094L-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
U74HC4094
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-645.B
SWITCHING CHARACTERISTICS(TA=25℃,see TEST CIRCUIT AND WAVEFORMS)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Propagation delay from input
(CP) to output(QS1)
tPHL/tPLH
VCC=2V
50
150
ns
VCC=4.5V
18
30
ns
VCC=6V
14
26
ns
Propagation delay from input
(CP) to output(QS2)
tPHL/tPLH
VCC=2V
44
135
ns
VCC=4.5V
16
27
ns
VCC=6V
13
23
ns
Propagation delay from input
(CP) to output(QPn)
tPHL/tPLH
VCC=2V
63
195
ns
VCC=4.5V
23
39
ns
VCC=6V
18
33
ns
Propagation delay from input
(STR) to output(QPn)
tPHL/tPLH
VCC=2V
58
180
ns
VCC=4.5V
21
36
ns
VCC=6V
17
31
ns
3-state output enable time from input
(OE) to output(QPn)
tPZH/tPZL
VCC=2V
55
175
ns
VCC=4.5V
20
35
ns
VCC=6V
16
30
ns
3-state output disable time from
input (OE) to output(QPn)
tPHZ/tPLZ
VCC=2V
41
125
ns
VCC=4.5V
15
25
ns
VCC=6V
12
21
ns
Output transition time(QSn、QPn)
tTLH/ tTHL
VCC=2V
19
75
ns
VCC=4.5V
7
15
ns
VCC=6V
6
13
ns
Clock pulse width HIGH or LOW(CP)
tW
VCC=2V
80
14
ns
VCC=4.5V
16
5
ns
VCC=6V
14
4
ns
Strobe pulse width HIGH(STR)
tW
VCC=2V
80
14
ns
VCC=4.5V
16
5
ns
VCC=6V
14
4
ns
Set-up time(D to CP)
tSU
VCC=2V
50
14
ns
VCC=4.5V
10
5
ns
VCC=6V
9
4
ns
Set-up time(D to STR)
tSU
VCC=2V
100
28
ns
VCC=4.5V
20
10
ns
VCC=6V
17
8
ns
Hold time(D to CP)
tH
VCC=2V
3
-6
ns
VCC=4.5V
3
-2
ns
VCC=6V
3
-2
ns
Hold time(D to STR)
tH
VCC=2V
0
-14
ns
VCC=4.5V
0
-5
ns
VCC=6V
0
-4
ns
Maximum clock pulse frequency
fMAX
VCC=2V
6
28
MHz
VCC=4.5V
30
87
MHz
VCC=6V
35
103
MHz
OPERATING CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Power Dissipation Capacitance
CPD
No load
300
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com