Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCW67B Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BCW67B
Description  PNP Silicon AF Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCW67B Datasheet(HTML) 6 Page - Infineon Technologies AG

  BCW67B Datasheet HTML 1Page - Infineon Technologies AG BCW67B Datasheet HTML 2Page - Infineon Technologies AG BCW67B Datasheet HTML 3Page - Infineon Technologies AG BCW67B Datasheet HTML 4Page - Infineon Technologies AG BCW67B Datasheet HTML 5Page - Infineon Technologies AG BCW67B Datasheet HTML 6Page - Infineon Technologies AG BCW67B Datasheet HTML 7Page - Infineon Technologies AG BCW67B Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2011-09-15
6
BCW67, BCW68
Transition frequency fT = ƒ(IC)
VCE = 5 V
10
10
10
10
BCW 67/68
EHP00398
f
mA
MHz
01
23
5
T
3
10
10 2
1
10
5
5
5
C
Ι
Collector-base capacitance Ccb = ƒ(VCB)
Emitter-base capacitance Ceb = ƒ(VEB)
0
2
4
6
8
10
12
14
16
V
20
VCB/VEB
0
5
10
15
20
25
30
35
40
45
50
55
pF
65
CCB
CEB
Total power dissipation Ptot = ƒ(TS)
0
15
30
45
60
75
90 105 120 A
150
0
30
60
90
120
150
180
210
240
270
300
V
360
Permissible Pulse Load
Ptotmax/PtotDC = ƒ(tp)
10
EHP00399
BCW 67/68
-6
0
10
5
D =
5
10
1
5
10
2
3
10
10
-5
10
-4
10
-3
10
-2
10
0
s
0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
t p
=
D
T
t p
T
tot max
tot
P
DC
P
p
t



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com