Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVLED807PFTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # HVLED807PFTR
Description  Offline LED driver with primary-sensing and high power factor up to 7 W
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED807PFTR Datasheet(HTML) 1 Page - STMicroelectronics

  HVLED807PFTR Datasheet HTML 1Page - STMicroelectronics HVLED807PFTR Datasheet HTML 2Page - STMicroelectronics HVLED807PFTR Datasheet HTML 3Page - STMicroelectronics HVLED807PFTR Datasheet HTML 4Page - STMicroelectronics HVLED807PFTR Datasheet HTML 5Page - STMicroelectronics HVLED807PFTR Datasheet HTML 6Page - STMicroelectronics HVLED807PFTR Datasheet HTML 7Page - STMicroelectronics HVLED807PFTR Datasheet HTML 8Page - STMicroelectronics HVLED807PFTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
This is information on a product in full production.
February 2013
Doc ID 023464 Rev 5
1/36
36
HVLED807PF
Offline LED driver with primary-sensing and
high power factor up to 7 W
Datasheet
production data
Features
High power factor capability (> 0.9)
800 V, avalanche rugged internal 11
Ω power
MOSFET
Internal high-voltage startup
Primary sensing regulation (PSR)
+/- 5% accuracy on constant LED output
current
Quasi-resonant (QR) operation
Optocoupler not needed
Open or short LED string management
Automatic self supply
Applications
AC-DC LED driver bulb replacement lamps up
to 7 W, with high power factor
AC-DC LED drivers up to 7 W
Description
The HVLED807PF is a high-voltage primary
switcher intended for operating directly from the
rectified mains with minimum external parts and
enabling high power factor (> 0.90) to provide an
efficient, compact and cost effective solution for
LED driving. It combines a high-performance low-
voltage PWM controller chip and an 800 V,
avalanche-rugged Power MOSFET, in the same
package. There is no need for the optocoupler
thanks to the patented primary sensing regulation
(PSR) technique. The device assures protection
against LED string fault (open or short).
Table 1.
Device summary
Order code
Package
Packaging
HVLED807PF
SO16N
Tube
HVLED807PFTR
Tape & Reel
SO16N
www.st.com


Similar Part No. - HVLED807PFTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HVLED805 STMICROELECTRONICS-HVLED805 Datasheet
456Kb / 29P
Off-line LED driver with primary-sensing
14-Oct-2010
HVLED805TR STMICROELECTRONICS-HVLED805TR Datasheet
456Kb / 29P
Off-line LED driver with primary-sensing
14-Oct-2010
More results

Similar Description - HVLED807PFTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30001 ONSEMI-NCL30001 Datasheet
280Kb / 31P
High-Efficiency Single Stage Power Factor Correction and Step-Down Offline LED Driver
March, 2010 ??Rev. 0
logo
STMicroelectronics
HVLED805 STMICROELECTRONICS-HVLED805 Datasheet
456Kb / 29P
Off-line LED driver with primary-sensing
14-Oct-2010
HVLED815PFTR STMICROELECTRONICS-HVLED815PFTR Datasheet
1Mb / 36P
Offline LED driver with primary-sensing and high power factor up to 15 W
31-Jan-2013
STEVAL-ILL013V1 STMICROELECTRONICS-STEVAL-ILL013V1 Datasheet
1Mb / 43P
80 W offline LED driver with PFC
10-Aug-2009
UM0670 STMICROELECTRONICS-UM0670 Datasheet
1Mb / 43P
80 W offline LED driver with PFC
10-Aug-2009
logo
Leadtrend Technology
LD7831 LEADTREND-LD7831 Datasheet
569Kb / 17P
High Power Factor Primary Side Flyback LED Controller With HV Start-up
logo
Shenzhen Tianyuan Semic...
TP8302D TPOWER-TP8302D Datasheet
592Kb / 6P
High power factor primary feedback LED driver chip with integrated power tube
TP8302 TPOWER-TP8302 Datasheet
604Kb / 6P
High power factor primary feedback LED driver chip with integrated power tube
logo
ON Semiconductor
NCL30488 ONSEMI-NCL30488 Datasheet
259Kb / 22P
Power Factor Corrected LED Driver with Primary Side CC/CV
August, 2020 ??Rev. 0
NCL30488 ONSEMI-NCL30488_V01 Datasheet
339Kb / 24P
Power Factor Corrected LED Driver with Primary Side CC/CV
May, 2021 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com