Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5111 Datasheet(PDF) 7 Page - Cherry Semiconductor Corporation

Part # CS5111
Description  1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5111 Datasheet(HTML) 7 Page - Cherry Semiconductor Corporation

Back Button CS5111 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 10Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Application Notes
Circuit Description: continued
This section outlines a procedure for designing a boost switch-
ing power supply operating in the discontinuous mode.
Step 1
Determine the output power required by the load.
POUT = IOUTVOUT
(1)
Step 2
Choose COSC based on the target oscillator frequency with an
external resistor value, RBIAS = 64.9kΩ. (See Figure 1d).
Figure 7: Voltage and current waveforms for boost topology in CS5111.
Step 3
Next select the output voltage feedback sense resistor
divider as follows (Figure 8).
For VFB1 active, choose a value for R1 and then solve for
REQ where:
REQ =
.
(3a)
For VFB2 active, find:
VFB1 = VOUT
, (3b)
and then calculate R2 where:
R2 =
=
. (3c)
Then find R3, where:
R3 = REQ - R2.
(3d)
VFB1 - VFB2
VFB1/REQ
VR2
IR2
)
REQ
R1 + REQ
(
R1
0
VSW
VIN
VSAT
t
0
ISW
IPeak
t
0
ID
IPeak
t
VOUT
Design Procedure for Boost Topology
Figure 6: Block diagram of the 1.4A current mode control switching regulator portion of the CS5111 in a boost configuration.
VIN
VREG
1.4A
VSW
COMP
VFB1
VFB2
SELECT
VLIN
IBIAS
Over Voltage
COSC
Gnd
Bandgap
Reference
Oscillator
Switcher Shutdown
Switcher
Error
Amplifier
Current Sense Amplifier
ENABLE
Multiplexer
-
COMP
Base Drive
Logic
RBIAS
64.9kΩ
RS
R3
R2
R1
1.25V
VOUT
COUT
VOUT
R1
VFB1
VFB2
R2
R3
VR2
REQ
{
Figure 8. Feedback sense
resistor divider connected
between VOUT and ground.
-1
VOUT
VFB1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com