Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5127 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS5127
Description  Dual Output Nonsynchronous Buck Controller with Sync Function and Second Channel Enable
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5127 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS5127 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Electrical Characteristics: 0¡C < TA < 70¡C; 0¡C < TJ < 125¡C; 9.4V < VIN < 20V; CT = 330 pF; RT = 27k½;
unless otherwise stated.
s Error Amplifiers
VFB Reference Voltage
VCOMP = VVFB
1.245
1.275
1.300
V
Input Bias Current
VFB = 1.275V
0.1
1.0
µA
Open Loop Gain
85
dB
Unity Gain Bandwidth
1.0
MHz
PSRR
f = 120Hz
80
dB
COMP Source Current
VCOMP = 3V, VVFB = 1.1V
0.9
1.3
2.0
mA
COMP Sink Current
VCOMP = 1.2V, VVFB = 1.45V
10
16
24
mA
COMP Output Low Voltage
VVFB = 1.45V, ICOMP = 0.3 mA
0.50
0.85
1.00
V
s PWM Comparators
VFFB Bias Current
VFFB = 0
2.0
20
µA
Propagation Delay
VFFB rising to VGATE falling
100
250
ns
Common Mode
2.9
3.3
V
Maximum Input Voltage
s ENABLE Lead
ENABLE High Threshold
channel 2 enabled
1.5
2.5
3.5
V
ENABLE Bias Current
VENABLE = 0
100
250
400
µA
s Gate Driver Outputs
Output Low Saturation Voltage
IGATE = 20 mA
0.1
0.4
V
IGATE = 100 mA
0.25
2.50
V
Output High Saturation Voltage
IGATE = 20 mA
1.5
2.0
V
IGATE = 100 mA
1.6
3.0
V
Output Voltage under Lockout
VIN = 6V, IGATE = 1 mA
0.1
0.2
V
Output Rise Time
no load
30
ns
Output Fall Time
no load
10
ns
s Undervoltage Lockout
Turn On Threshold
7.4
8.4
9.4
V
Turn Off Threshold
6.8
7.8
8.8
V
s Supply Current
Start Up Current
VIN = 6V
0.4
0.8
mA
Operating Current
VCT = 0V, no load
17.5
25
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com