Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS51311 Datasheet(PDF) 13 Page - Cherry Semiconductor Corporation

Part # CS51311
Description  Synchronous CPU Buck Controller for 12V and 5V Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS51311 Datasheet(HTML) 13 Page - Cherry Semiconductor Corporation

Back Button CS51311 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS51311 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS51311 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS51311 Datasheet HTML 12Page - Cherry Semiconductor Corporation CS51311 Datasheet HTML 13Page - Cherry Semiconductor Corporation CS51311 Datasheet HTML 14Page - Cherry Semiconductor Corporation CS51311 Datasheet HTML 15Page - Cherry Semiconductor Corporation CS51311 Datasheet HTML 16Page - Cherry Semiconductor Corporation CS51311 Datasheet HTML 17Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Once the total ESR of the input capacitors is known, the
input capacitor ripple voltage can be determined using the
formula:
VCIN(RMS) = ICIN(RMS) × ESRCIN,
where
VCIN(RMS) = input capacitor RMS voltage;
ICIN(RMS) = total input RMS current;
ESRCIN = total input capacitor ESR.
The designer must determine the input capacitor power
loss in order to ensure there isn’t excessive power dissipa-
tion through these components. The following formula is
used:
PCIN(RMS) = ICIN(RMS)2 × ESRCIN
where
PCIN(RMS) = input capacitor RMS power dissipation;
ICIN(RMS) = total input RMS current;
ESRCIN = total input capacitor ESR.
Step 6: Selection of the Input Inductor
A CPU switching regulator, such as the one in a buck
topology, must not disturb the primary +5V supply. One
method of achieving this is by using an input inductor and
a bypass capacitor. The input inductor isolates the +5V
supply from the noise generated in the switching portion
of the microprocessor buck regulator and also limits the
inrush current into the input capacitors upon power up.
The inductor’s limiting effect on the input current slew rate
becomes increasingly beneficial during load transients. The
worst case is when the CPU load changes from no load to
full load (load step), a condition under which the highest
voltage change across the input capacitors is also seen by
the input inductor. The inductor successfully blocks the
ripple current while placing the transient current require-
ments on the input bypass capacitor bank, which has to
initially support the sudden load change.
The minimum inductance value for the input inductor is
therefore:
LIN =
,
where
LIN = input inductor value;
∆V = voltage seen by the input inductor during a full
load swing;
(dI/dt)MAX = maximum allowable input current slew
rate (0.1A/µs for a Pentium® II power supply).
The designer must select the LC filter pole frequency so
that at least 40dB attenuation is obtained at the regulator
switching frequency. The LC filter is a double-pole net-
work with a slope of −2, a roll-off rate of –40dB/dec, and a
corner frequency:
fC =
,
where
L = input inductor;
C = input capacitor(s).
Step 7: Selection of the Switching FET
FET Basics
The use of the MOSFET as a power switch is propelled by
two reasons: 1) Its very high input impedance; and 2) Its very
fast switching times. The electrical characteristics of a MOS-
FET are considered to be those of a perfect switch. Control
and drive circuitry power is therefore reduced. Because the
input impedance is so high, it is voltage driven. The input
of the MOSFET acts as if it were a small capacitor, which
the driving circuit must charge at turn on. The lower the
drive impedance, the higher the rate of rise of VGS, and the
faster the turn- on time. Power dissipation in the switching
MOSFET consists of 1) conduction losses, 2) leakage losses,
3) turn-on switching losses, 4) turn-off switching losses,
and 5) gate-transitions losses. The latter three losses are
proportional to frequency. For the conducting power dissi-
pation rms values of current and resistance are used for
true power calculations. The fast switching speed of the
MOSFET makes it indispensable for high-frequency power
supply applications. Not only are switching power losses
minimized, but also the maximum usable switching fre-
quency is considerably higher. Switching time is indepen-
dent of temperature. Also, at higher frequencies, the use of
smaller and lighter components (transformer, filter choke,
filter capacitor) reduces overall component cost while
using less space for more efficient packaging at lower
weight.
The MOSFET has purely capacitive input impedance. No
DC current is required. It is important to keep in mind the
drain current of the FET has a negative temperature coeffi-
cient. Increase in temperature causes higher on-resistance
and greater leakage current. For switching circuits, VDS(ON)
should be low to minimize power dissipation at a given ID,
and VGS should be high to accomplish this. MOSFET
switching times are determined by device capacitance,
stray capacitance, and the impedance of the gate drive cir-
cuit. Thus the gate driving circuit must have high momen-
tary peak current sourcing and sinking capability for
switching the MOSFET. The input capacitance, output
capacitance and reverse-transfer capacitance also increase
with increased device current rating.
Two considerations complicate the task of estimating
switching times. First, since the magnitude of the input
capacitance, CISS, varies with VDS, the RC time constant
determined by the gate-drive impedance and CISS changes
during the switching cycle. Consequently, computation of
the rise time of the gate voltage by using a specific gate-
drive impedance and input capacitance yields only a rough
estimate. The second consideration is the effect of the
“Miller” capacitance, CRSS, which is referred to as CDG in
the following discussion. For example, when a device is on,
VDS(ON) is fairly small and VGS is about 12V. CDG is
charged to VDS(ON) − VGS, which is a negative potential if
the drain is considered the positive electrode. When the
drain is “off”, CDG is charged to quite a different potential.
In this case the voltage across CDG is a positive value since
the potential from gate-to-source is near zero volts and VDS
is essentially the drain supply voltage. During turn-on and
turn-off, these large swings in gate-to-drain voltage tax the
current sourcing and sinking capabilities of the gate drive.
In addition to charging and discharging CGS, the gate drive
must also supply the displacement current required by
1
2π LC
∆V
(dI/dt)MAX
Application Information: continued
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com