Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5156 Datasheet(PDF) 10 Page - Cherry Semiconductor Corporation

Part # CS5156
Description  CPU 5-Bit Nonsynchronous Buck Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5156 Datasheet(HTML) 10 Page - Cherry Semiconductor Corporation

Back Button CS5156 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 12Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 13Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 14Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Applications Information: continued
10
External Output Enable Circuit
On/off control of the regulator can be implemented
through two additional discrete components (see Figure 12).
This circuit operates by pulling the soft start pin high, and
the VFFB pin low, emulating a short circuit condition.
Figure 12: Implementing shutdown with the CS5156.
External Power Good Circuit
An optional Power Good signal can be generated through
the use of four additional external components (see Figure
15). The threshold voltage of the Power Good signal can be
adjusted per the following equation:
VPower Good =
This circuit provides an open collector output that drives
the Power Good output to ground for regulator voltages
less than VPower Good.
Figure 13: Implementing Power Good with the CS5156.
Figure 14: CS5156 demonstration board during power up. Power Good
signal is activated when output voltage reaches 1.70V.
Selecting External Components
The CS5156 can be used with a wide range of external
power components to optimize the cost and performance of
a particular design. The following information can be used
as general guidelines to assist in their selection.
NFET Power Transistors
Both logic level and standard MOSFETs can be used. The
reference designs derive gate drive from the 12V supply
which is generally available in most computer systems and
use logic level MOSFETs. A charge pump may be easily
implemented to support 5V only systems. Multiple
MOSFETs may be paralleled to reduce losses and improve
efficiency and thermal management.
Voltage applied to the MOSFET gate depends on the appli-
cation circuit used. The gate driver output is specified to
drive to within 1.5V of ground when in the low state and to
within 2V of its bias supply when in the high state. In prac-
tice, the MOSFET gate will be driven rail to rail due to
overshoot caused by the capacitive load it presents to the
controller IC. For the typical application where VCC1 = VCC2
= 12V and 5V is used as the source for the regulator output
current, the following gate drive is provided;
VGATE = 12V - 5V = 7V (see Figure 15).
Trace 3 = 12V Input (VCC1) and VCC2) (10V/div.)
Trace 4 = 5V Input (2V/div.)
Trace 1 = Regulator Output Voltage (1V/div.)
Trace 2 = Power Good Signal (2V/div.)
VOUT
CS5156
R1
10k
R2
6.2k
R3
10k
Power Good
5V
PN3904
PN3904
(R1 + R2) × 0.65V
R2
Shutdown
Input
5V
VFFB
CS5156
SS
5
8
IN4148
MMUN2111T1 (SOT-23)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com