Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12N25L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 12N25L-TN3-R
Description  12A, 250V N-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

12N25L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  12N25L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 12N25L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 12N25L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 12N25L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 12N25L-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
12N25
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-757.C
12A, 250V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 12N25 is an N-channel mode power MOSFET using
UTC’ s advanced technology to provide customers with planar stripe
and DMOS technology. This technology specializes in allowing a
minimum on-state resistance and superior switching performance. It
also can withstand high energy pulse in the avalanche and
commutation mode.
The UTC 12N25 is universally applied in electronic lamp ballast
based on half bridge topology and high efficient switched mode
power supply.
FEATURES
* ID=12A
* VDS = 250V
* RDS(ON)=0.34Ω @ VGS=10V
* High switching speed
* 100% avalanche tested
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
12N25L-TA3-T
12N25G-TA3-T
TO-220
G
D
S
Tube
12N25L-TN3-T
12N25G-TN3-T
TO-252
G
D
S
Tube
12N25L-TN3-R
12N25G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - 12N25L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12N25V UTC-12N25V Datasheet
204Kb / 5P
12A, 250V N-CHANNEL POWER MOSFET
12N25VG-TA3-T UTC-12N25VG-TA3-T Datasheet
204Kb / 5P
12A, 250V N-CHANNEL POWER MOSFET
12N25VL-TA3-T UTC-12N25VL-TA3-T Datasheet
204Kb / 5P
12A, 250V N-CHANNEL POWER MOSFET
More results

Similar Description - 12N25L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRM244D INTERSIL-FRM244D Datasheet
47Kb / 6P
12A, 250V, 0.400 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
logo
Unisonic Technologies
12N60 UTC-12N60_12 Datasheet
371Kb / 7P
12A, 600V N-CHANNEL POWER MOSFET
12N65 UTC-12N65 Datasheet
374Kb / 7P
12A, 650V N-CHANNEL POWER MOSFET
UT3055 UTC-UT3055 Datasheet
158Kb / 2P
12A, 25V N-CHANNEL POWER MOSFET
logo
Hi-Sincerity Mocroelect...
H12N65 HSMC-H12N65 Datasheet
206Kb / 6P
N-Channel Power MOSFET (650V,12A)
logo
Unisonic Technologies
12N06Z UTC-12N06Z Datasheet
194Kb / 3P
12A, 60V N-CHANNEL POWER MOSFET
12N25V UTC-12N25V Datasheet
204Kb / 5P
12A, 250V N-CHANNEL POWER MOSFET
12N30 UTC-12N30 Datasheet
164Kb / 5P
12A, 300V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM600N25E TSC-TSM600N25E Datasheet
456Kb / 7P
250V N-Channel Power MOSFET
logo
Rohm
RCJ120N25 ROHM-RCJ120N25 Datasheet
726Kb / 14P
Nch 250V 12A Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com