Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13002AGL-T92-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 13002AGL-T92-R
Description  HIGH VOLTAGE FAST SWITCHING NPN POWER APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

13002AGL-T92-R Datasheet(HTML) 2 Page - Unisonic Technologies

  13002AGL-T92-R Datasheet HTML 1Page - Unisonic Technologies 13002AGL-T92-R Datasheet HTML 2Page - Unisonic Technologies 13002AGL-T92-R Datasheet HTML 3Page - Unisonic Technologies 13002AGL-T92-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
13002AG
Preliminary
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R201-090.b
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector Emitter Voltage (VBE = 0)
VCES
700
V
Collector Emitter Voltage (IB = 0)
VCEO
400
V
Emitter Base Voltage (IC = 0)
VEBO
9
V
Collector Current
IC
0.75
A
Collector Peak Current (tp < 5 ms)
ICM
0.5
A
Base Current
IB
0.4
A
Base Peak Current (tp < 5 ms)
IBM
0.75
A
Total Dissipation at Ta = 25°C
PD
0.95
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERAMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Thermal Resistance Junction-ambient
θJA
130
°C /W
ELECTRICAL CHARACTERISTICS (TA= 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Collector Emitter Sustaining Voltage (IB = 0)
(Note)
VCEO(SUS) IC = 1 mA
700
V
Collector Emitter Saturation Voltage (Note)
VCE(SAT)
IC = 0.2 A , IB = 40 mA
0.2
0.5
V
IC = 0.3 A , IB = 75 mA
0.3
1
IC = 0.4 A , IB = 135 mA
0.4
1.5
Base Emitter Saturation Voltage (Note)
VBE(SAT)
IC = 0.2 A , IB = 40 mA
1
V
IC = 0.3 A , IB = 75 mA
1.2
Emitter Cut off Current (IC = 0)
IEBO
VEB = 9 V
1
mA
Collector Cut off Current (VBE = -1.5V)
ICEV
VCE = 700 V
250
μ A
DC Current Gain
hFE*
IC = 0.2 A, VCE = 5 V
12
27
IC = 0.4 A, VCE = 5 V
7
20
Inductive Load Fall Time
tF
IC = 0.2 A , VCLAMP = 300 V
IB1 = -IB2 = 40 mA , L = 3 mH
0.3
μ s
Note: Pulsed: Pulse duration = 300μs, duty cycle = 1.5 %



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com