Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS52015-3 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS52015-3
Description  1.5A, 3.3V Fixed Linear Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS52015-3 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS52015-3 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS52015-3 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS52015-3 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS52015-3 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS52015-3 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS52015-3 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Features
s
Output Current to 1.5A
s
Output Accuracy to ±1.5%
Over Temperature
s
Dropout Voltage (typical)
1.05V @ 1.5A
s
Fast Transient Response
s
Fault Protection
Current Limit
Thermal Shutdown
Package Options
3L TO-220
Tab (VOUT)
1.5A, 3.3V Fixed Linear Regulator
1
CS52015-3
The CS52015-3 linear regulator pro-
vides 1.5A at 3.3V with an output
voltage accuracy of ±1.5%.
The regulator is intended for use as
a post regulator and microprocessor
supply. The fast loop response and
low dropout voltage make this reg-
ulator ideal for applications where
low voltage operation and good
transient response are important.
The circuit is designed to operate
with dropout voltages less than
1.4V at 1.5A output current. The
maximum quiescent current is only
10mA at full load. Device protec-
tion includes overcurrent and ther-
mal shutdown.
The CS52015-3 is pin compatible
with the LT1086 family of linear
regulators but has lower dropout
voltage.
The regulator is available in TO-
220, surface mount D2, and SOT-223
packages.
Application Diagram
Consult factory for other fixed output voltage
options.
CS52015 -3
1
Gnd
2VOUT (tab)
3VIN
Description
3L D2PAK
Tab (VOUT)
1
A
Company
¨
CS52015-3
VIN
Gnd
3.3V
@ 1.5A
22
mF
5V
10
mF
5V
VOUT
3L SOT-223
Tab (VOUT)
1
Rev. 2/17/98
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com


Similar Part No. - CS52015-3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS52015-3 ONSEMI-CS52015-3 Datasheet
217Kb / 8P
1.5 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
CS52015-3GDP3 ONSEMI-CS52015-3GDP3 Datasheet
217Kb / 8P
1.5 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
CS52015-3GDPR3 ONSEMI-CS52015-3GDPR3 Datasheet
217Kb / 8P
1.5 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
CS52015-3GST3 ONSEMI-CS52015-3GST3 Datasheet
217Kb / 8P
1.5 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
CS52015-3GSTR3 ONSEMI-CS52015-3GSTR3 Datasheet
217Kb / 8P
1.5 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
More results

Similar Description - CS52015-3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1086 FAIRCHILD-FAN1086 Datasheet
45Kb / 9P
1.5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Cherry Semiconductor Co...
CS5201-3 CHERRY-CS5201-3 Datasheet
158Kb / 6P
1A, 3.3V Fixed Linear Regulator
Rev. 2/18/98
CS5203-3 CHERRY-CS5203-3 Datasheet
143Kb / 6P
3A, 3.3V Fixed Linear Regulator
Rev. 6/3/98
CS5207-3 CHERRY-CS5207-3 Datasheet
150Kb / 5P
7A, 3.3V Fixed Linear Regulator
Rev. 10/2/97
logo
International Rectifier
IRU1015-33 IRF-IRU1015-33 Datasheet
85Kb / 4P
1.5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
logo
Unisonic Technologies
UZ1086 UTC-UZ1086_09 Datasheet
224Kb / 6P
1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Orister Corporation
RS7110 ORISTER-RS7110 Datasheet
599Kb / 9P
1.5A Fixed Voltage LDO Linear Regulator
logo
International Rectifier
IRU1015-33CD IRF-IRU1015-33CD Datasheet
58Kb / 8P
1.5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-CMOS Corporation
EC8815 E-CMOS-EC8815 Datasheet
578Kb / 10P
1.5A Fixed Voltage LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com