Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5231-3 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS5231-3
Description  500mA, 3.3V Linear Regulator with Auxiliary Control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5231-3 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS5231-3 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5231-3 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5231-3 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5231-3 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5231-3 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5231-3 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5231-3 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5231-3 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5231-3 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Package Pin Description
PACKAGE PIN #
PIN SYMBOL
FUNCTION
3
Typical Performance Characteristics
Output Voltage vs. Junction Temperature
IOUT (A)
1.2
1.0
0.8
0.6
0.4
0.2
0.0
0.0
0.2
0.4
125°C
27°C
0°C
Load Regulation vs. IOUT Over Temperature
Line Regulation vs. IOUT Over Temperature
390
380
370
360
0
20
40
60
80
100
120
Junction Temperature (°C)
Reverse Current vs. Junction Temperature
5Lead D2 PAK
1
N/C
No connection.
2VIN
Input voltage.
3
Gnd
Ground and IC substrate connection (case).
4VOUT
Regulated output voltage.
5
AuxDrv
Output used to control an auxiliary supply voltage. This lead is
driven low if VIN is less than 4.5V, and is otherwise pulled up
to VIN through an internal 10kΩ resistor.
3.302
3.300
3.298
3.296
0
20
40
60
80
100
120
Junction Temperature (°C)
IOUT = 10mA
IOUT = 500mA
IOUT (A)
80
70
60
50
40
0.0
0.2
0.4
27°C
0°C
125°C
4.75V <VIN < 6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com