Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS52843 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS52843
Description  Current Mode PWM Control Circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS52843 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS52843 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS52843 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS52843 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS52843 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS52843 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS52843 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Package Pin Description
PACKAGE PIN #
PIN SYMBOL
FUNCTION
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
8L
14L
SO Narrow
SO Narrow
1
1
COMP
Error amp output, used to compensate error amplifier.
23
VFB
Error amp inverting input.
3
5
Sense
Noninverting input to Current Sense Comparator.
4
7
OSC
Oscillator timing network with Capacitor to Ground, resistor to VREF.
5
8
Gnd
Ground.
5
9
Pwr Gnd
Output driver Ground.
610
VOUT
Output drive pin.
711
VCCPwr
Output driver positive supply.
712
VCC
Positive power supply.
814
VREF
Output of 5V internal reference.
2,4,6,13
NC
No Connection.
Electrical Characteristics: -40 ≤ TA ≤ 85˚C; VCC = 15V (Note 1); RT = 680Ω; CT = .022µF for triangle mode,
RT = 10kΩ; CT = 3.3nF sawtooth mode unless otherwise stated.
Rise Time
TJ = 25˚C, CL = 1nF (Note 1)
50
150
ns
Fall Time
TJ=25˚C, CL=1nF (Note 1)
50
150
ns
Output Leakage
UVLO Active VOUT = 0
-.01
-10.0
µA
s
Total Standby Current
Start-Up Current
300
500
µA
Operating Supply Current
VFB=VSense=0V RT=10kΩ, CT=3.3nF
11
17
mA
VCC Zener Voltage
ICC=25mA
34
V
s
Undervoltage Lockout Section
Start Threshold
7.8
8.4
9.0
V
Min. Operating Voltage
After Turn On
7.0
7.6
8.2
V
Notes:
1.These parameters, although guaranteed, are not 100% tested in production.
2. Parameter measured at trip point of latch with VFB=0.
3. Gain defined as: A =
; 0 ≤ VSense ≤ 0.8V.
∆VCOMP
∆VSense



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com