Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5651 Datasheet(PDF) 5 Page - Cherry Semiconductor Corporation

Part # CS5651
Description  High Performance Dual Channel Current Mode Controller with ENABLE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5651 Datasheet(HTML) 5 Page - Cherry Semiconductor Corporation

  CS5651 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5651 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5651 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5651 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5651 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5651 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5651 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5651 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
The CS5651 is a high performance, fixed frequency, dual
channel current mode PWM controller for Off-Line and
DC to DC converter applications. Each channel contains a
high gain error amplifier, current sensing comparator,
pulse width modulator latch, and totem pole output driv-
er. The oscillator, reference, and undervoltage lockout cir-
cuits are common to both channels.
The oscillator has both precise frequency and duty cycle
control. The oscillator frequency is programmed by the
timing components RT and CT. Capacitor CT is charged
and discharged by an equal magnitude internal current
source and sink, that generates a symmetrical 50 percent
duty cycle waveform at CT. The oscillator peak and valley
thresholds are 3.5V and 1.6V respectively. The source/
sink current is controlled by resistor RT. For proper opera-
tion over temperature range RT’s value should be between
4.0kΩ to 16kΩ.
As CT charges and discharges, an internal blanking pulse
is generated that alternately drives the inputs of the upper
and lower NOR gates high. This, in conjunction with a
precise amount of delay time introduced into each chan-
nel, produces well defined non-overlapping output duty
cycles. Output 2 is enabled while CT is charging, and
Output 1 is enabled during the discharge. Even at 500kHz,
each output is capable of approximately 44% duty cycle,
making this controller suitable for high frequency power
conversion applications.
In noise sensitive applications it may be necessary to syn-
chronize the converter with an external system clock. This
can be accomplished by applying an external clock signal.
For reliable synchronization, the oscillator frequency
should be set about 10% slower than the clock frequency.
The rising edge of the clock signal applied to SYNC, termi-
nates the charging of CT and VOUT
2 conduction. By tailor-
ing the clock waveform symmetry, accurate duty cycle
clamping of either output can be achieved.
Each channel contains a fully-compensated error amplifier
with access to the output and inverting input. The amplifi-
er features a typical dc voltage gain of 100 dB, and a unity
gain bandwidth of 1.0 MHz with 71 degrees of phase mar-
gin. The non-inverting input is internally biased at 2.5V.
The converter output voltage is typically divided down
and monitored by the inverting input through a resistor
divider. The maximum input bias current is -1.0 µA which
will cause an output voltage error that is equal to the
product of the input bias current and the equivalent input
divider resistance.
Its output voltage is offset by two diode drops (≈1.4V) and
divided by three before it connects to the inverting input
of the current sense comparator. This guarantees that both
Operating Description
Typical Performance Characteristics: continued
0
20
40
60
80
100
120
I ref, REFERENCE SOURCE CURRENT (mA)
-24
-20
-16
-12
-8.0
-4.0
0
VCC = 15V
TA = –55°C
TA = 125°C
TA =
25°C
-55
-25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
120
100
80
60
Reference Short Circuit Current vs. Temperature
Reference Voltage Change vs. Source Current
SOURCE SATURATION
(LOAD TO GROUND)
VCC=15V
80µS PULSED LOAD
120Hz RATE
TA=25°C
TA= –55°C
TA= –55°C
TA=25°C
SINK
SATURATION
(LOAD TO VCC)
GND
0
200
400
600
800
OUTPUT LOAD CURRENT (mA)
VCC
0
-1.0
-2.0
2.0
1.0
0
0
4.0
8.0
12
16
20
VCC, SUPPLY VOLTAGE (V) - CS-5651
0
8.0
16
24
32
RT=8.2kΩ
CT=3.3nF
VFB 1, 2=0V
CURRENT SENSE 1, 2=0V
TA=25°C
Supply Current vs. Supply Voltage
Output Saturation Voltage vs. Load Current
Oscillator
Error Amplifier



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com