Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8101 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS8101
Description  Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8101 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS8101 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8101 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8101 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8101 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8101 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8101 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8101 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8101 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The CS8101 is a precision 5V
micropower voltage regulator with
very low quiescent current (70µA
typ at 100µA load). The 5V output is
accurate within ±2% and supplies
100mA of load current with a typi-
cal dropout voltage of only 400mV.
Microprocessor control logic
includes an
input and an
active
. This combination of
low quiescent current, outstanding
regulator performance and control
logic makes the CS8101 ideal for
any battery operated, microproces-
sor controlled equipment.
The active
circuit includes
hysteresis, and operates correctly at
an output voltage as low as 1V. The
function is activated during
the power up sequence or during
normal operation if the output
voltage drops outside the regulation
limits by more than 200mV typ. The
logic level compatible
input allows the user to put the reg-
ulator into a shutdown mode where
it draws only 20µA typical of quies-
cent current.
The regulator is protected against
reverse battery, short circuit, over
voltage, and thermal overload con-
ditions. The device can withstand
load dump transients making it
suitable for use in automotive envi-
ronments.
The CS8101 is functionally equiva-
lent to the National Semiconductor
LP2951 series low current regula-
tors.
ENABLE
RESET
RESET
RESET
ENABLE
1
Features
Error
Amplifier
Reset
Comparator
Thermal
Protection
Over
Voltage
Shutdown
VIN
Gnd
VOUT
+
-
Bandgap
Reference
+
-
Current Limit
Sense
Current Source
(Circuit Bias)
VOUTSense
RESET
ENABLE
Internally connected
on 5 lead TO-220
s
5V ±2% Output
s
Low 70µA Quiescent
Current
s
Active
s
Input for
ON/OFF and Active/Sleep
Mode Control
s
100mA Output Current
Capability
s
Fault Protection
+60V Peak Transient
Voltage
-15V Reverse Voltage
Short Circuit
Thermal Overload
s
Low Reverse Current
(Output to Input)
ENABLE
RESET
Package Options
Micropower 5V, 100mA Low Dropout
Linear Regulator with RESET and ENABLE
CS8101
Description
Block Diagram
1
VOUT
VOUTSense
ENABLE
Gnd
VIN
NC
NC
RESET
5L TO-220
Tab (Gnd)
1. VOUT
2.
3. Gnd
4.
5. VIN
RESET
ENABLE
Other Packages: D2PAK (consult factory)
8L SOIC
VOUT
VIN
NC
NC
RESET
1
Gnd
Gnd
Gnd
Gnd
Gnd
Gnd
Gnd
Gnd
ENABLE
NC
NC
NC
NC
NC
NC
NC
20L SOIC Wide
(Internally Fused Leads)
Rev. 4/9/99
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
A
Company
¨


Similar Part No. - CS8101

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8101 ONSEMI-CS8101 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS8101YD8 ONSEMI-CS8101YD8 Datasheet
127Kb / 13P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8101YD8G ONSEMI-CS8101YD8G Datasheet
127Kb / 13P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8101YD8G ONSEMI-CS8101YD8G Datasheet
149Kb / 11P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
More results

Similar Description - CS8101

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5111 CHERRY-CS5111 Datasheet
188Kb / 10P
1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
Rev. 12/28/98
CS5112 CHERRY-CS5112 Datasheet
199Kb / 10P
1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
Rev. 4/22/99
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
Rev. 10/21/97
CS8151 CHERRY-CS8151 Datasheet
196Kb / 8P
5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESET, & WAKE UP
Rev. 5/4/99
CS8151C CHERRY-CS8151C Datasheet
142Kb / 8P
5V, 100mA Low Dropout Linear Regulator with Watchdog, RESET, & Wake Up
Rev. 3/17/99
CS8221 CHERRY-CS8221 Datasheet
149Kb / 6P
Micropower 5V, 100mA Low Dropout Linear Regulator
CS8281 CHERRY-CS8281 Datasheet
153Kb / 6P
5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
CS8361 CHERRY-CS8361 Datasheet
169Kb / 6P
5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
CS8391 CHERRY-CS8391 Datasheet
152Kb / 6P
5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
logo
ON Semiconductor
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com