Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8140 Datasheet(PDF) 10 Page - Cherry Semiconductor Corporation

Part # CS8140
Description  5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8140 Datasheet(HTML) 10 Page - Cherry Semiconductor Corporation

Back Button CS8140 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8140 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8140 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8140 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8140 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS8140 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS8140 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS8140 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS8140 Datasheet HTML 12Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Battery
C1*
0.1
mF
(optional)
Ignition
0.1
mF
VIN
VOUT
ENABLE
DELAY
Gnd
WDI
C2**
10
mF*
2.7k
W
RESET
RESET
Vcc
WATCHDOG
PORT
MICROPROCESSOR
5V
CS8140
R***
Application Diagrams
C1
0.1
mF
VIN
VOUT
ENABLE
Gnd
WDI
RESET
CS8140/1
CDelay
R1
110K
RESET
Vcc
WATCHDOG PORT
MICROPROCESSOR
C2
0.1
mF
2.7k
10
mF
9V
Switch
Figure 8. Applications diagram for CS8140. The CS8140 provides a 5V tightly regulated supply and control function to the microprocessor. In this
application, the microprocessor controls its own power down sequence (see text).
*C1 is required if regulator is located far from the power source filter.
**C2 required for stability
***R ² 80k½
Figure 7. Application Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com