Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8141 Datasheet(PDF) 5 Page - Cherry Semiconductor Corporation

Part # CS8141
Description  5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8141 Datasheet(HTML) 5 Page - Cherry Semiconductor Corporation

  CS8141 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8141 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8141 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8141 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8141 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8141 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8141 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8141 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS8141 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Typical Performance Characteristics: continued
0
1
2
3
456
7
8
9
10
0
2
4
8
10
12
14
16
18
20
VIN (V)
6
Rload = NO LOAD
Rload = 6.67
Rload = 25
VENABLE = VIN
Quiescent Current vs. VIN over RLOAD; T = 25¡C
0
1
2
3
456
7
8
9
10
0
2
4
8
10
12
14
16
18
20
TEMP = 125
°C
TEMP = 25
°C
TEMP =- 40
°C
VIN (V)
6
VENABLE = VIN
Quiescent Current vs. VIN over Temperature; RLOAD = 25½
-40 -30
-10
10
20
40
60
70
90
110 120
60
80
100
120
140
160
180
200
220
240
260
280
-20
0
30
50
80
100
130 140 150
300
TJ (
°C)
Lower Threshold
CDELAY = 0.1
mF
Upper Threshold
Watchdog Frequency Thresholds vs. Temperature
105
104
103
102
101
100
101
102
103
104
105
106
CAPACITANCE (pF)
106
Lower Threshold
107
107
Upper Threshold
Watchdog Frequency Threshold vs CDELAY
90
80
70
60
50
40
30
20
10
0
FREQUENCY (Hz)
CO = 10
mF, ESR=10W
CO = 10
mF,ESR=1W
CO = 10
mF, ESR=1&0.1mF, ESR=0
IO =250mA
100
101
102
103
104
105
106
107
108
Ripple Rejection vs Frequency
2000
1800
1600
1400
1200
1000
800
600
400
200
0
1
5
10
15
20
25
30
35
40
VIN = 5V
RESET OUTPUT CURRENT (mA)
RESET Output Voltage vs Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com